Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZLNB100X Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZLNB100X
Description  DUAL POLARISATION SWITCH TWIN LNB MULTIPLEX CONTROLLER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZLNB100X Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZLNB100X Datasheet HTML 1Page - Zetex Semiconductors ZLNB100X Datasheet HTML 2Page - Zetex Semiconductors ZLNB100X Datasheet HTML 3Page - Zetex Semiconductors ZLNB100X Datasheet HTML 4Page - Zetex Semiconductors ZLNB100X Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DUAL POLARISATION SWITCH TWIN LNB
MULTIPLEX CONTROLLER
ISSUE 1- NOVEMBER 1998
DEVICE DESCRIPTION
The ZLNB101 dual polarisation switch
controller is one of a wide range of satellite
receiver LNB support circuits. It features two
completely independent channels, each
providing two logic outputs under the
control of a voltage sensitive input. It is
intended for use in Twin LNB designs,
replacing many dIscrete components to save
both manufacturing cost and PCB size whilst
improving reliability.
The two inputs of the ZLNB101 have a
nominal threshold of 14.5V. Their threshold
is temperature compensated to minimise
drift. Each features a low and stable input
current that enables transient protection to
be achieved with the addition of only a single
resistor per channel.
Normal and an inverted outputs are
provided for each input. All outputs can
source 15mA and sink 10mA making them
suitable to drive TTL and CMOS logic, pin
diodes and for IF-amp supply switching.
The ZLNB101 operates from a single supply
of between 5-12V. Its quiescent current is
typically only 4mA and this does not change
significantly with load or logic state. It is
available in either the standard SO8 or space
saving MSOP8 surface mount packages.
Device operating temperature is -40°C to
+85°C to suit a wide range of environmental
conditions.
FEATURES
provides polarity detection and control
transient resistant
low input current
low supply current
temperature compensated input
threshold
standard and inverted output available
simultaneously wide supply operating
range
dual polarisation switch
eliminates external components
simplifies design
APPLICATIONS
twin LNBs
IF switch box
LNB switch boxes
ZLNB100
75


Similar Part No. - ZLNB100X

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZLNB100X DIODES-ZLNB100X Datasheet
89Kb / 5P
   DUAL POLARISATION SWITCH TWIN LNB
More results

Similar Description - ZLNB100X

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZLNB101 ZETEX-ZLNB101 Datasheet
77Kb / 5P
   DUAL POLARISATION SWITCH TWIN LNB MULTIPLEX CONTROLLER
logo
Unisonic Technologies
L8020 UTC-L8020 Datasheet
130Kb / 4P
   DUAL POLARISATION SWITCH TWIN LNB MULTIPLEX CONTROLLER
L8020 UTC-L8020_15 Datasheet
162Kb / 4P
   DUAL POLARISATION SWITCH TWIN LNB MULTIPLEX CONTROLLER
L8020 UTC-L8020_12 Datasheet
144Kb / 4P
   DUAL POLARISATION SWITCH TWIN LNB MULTIPLEX CONTROLLER
logo
Diodes Incorporated
ZLNB101 DIODES-ZLNB101 Datasheet
89Kb / 5P
   DUAL POLARISATION SWITCH TWIN LNB
ZLNB100 DIODES-ZLNB100 Datasheet
89Kb / 5P
   DUAL POLARISATION SWITCH TWIN LNB
logo
Zetex Semiconductors
ZLNB2001 ZETEX-ZLNB2001 Datasheet
168Kb / 12P
   DUAL TONE and POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB2006 ZETEX-ZLNB2006 Datasheet
120Kb / 11P
   DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
logo
Diodes Incorporated
ZLNB2013 DIODES-ZLNB2013 Datasheet
179Kb / 8P
   DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
logo
Zetex Semiconductors
ZLNB2012 ZETEX-ZLNB2012 Datasheet
97Kb / 8P
   DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com