Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZLLS400TC Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZLLS400TC
Description  40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZLLS400TC Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZLLS400TC Datasheet HTML 1Page - Zetex Semiconductors ZLLS400TC Datasheet HTML 2Page - Zetex Semiconductors ZLLS400TC Datasheet HTML 3Page - Zetex Semiconductors ZLLS400TC Datasheet HTML 4Page - Zetex Semiconductors ZLLS400TC Datasheet HTML 5Page - Zetex Semiconductors ZLLS400TC Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Operational Efficiency chart
The operational efficiency chart indicates the beneficial use of the ZLLS Series diodes in applications requiring
higher voltage, higher temperature operation. Circuits requiring Low voltage Low temperature operation will
benefit from using Zetex low VF ZHCS Series diodes.
ZLLS400
ISSUE 1 - JANUARY 2002
SCHOTTKY DIODE CHARACTERISTICS
Reverse Breakdown Voltage
V
(BR)R
40
V
I
R=500µA
Forward Voltage
V
F
310
350
425
520
610
690
860
494
350
400
520
610
850
1000
1300
mV
mV
mV
mV
mV
mV
mV
mV
I
F=50 mA*
I
F=100 mA*
I
F=250mA*
I
F=400mA*
I
F=750mA*
I
F=1000mA*
I
F=1500mA*
I
F=500mA*,Ta = 100 C
Reverse Current
I
R
5.5
370
10
A
mA
V
R=30V
V
R=30V,Ta = 85 C
Diode Capacitance
C
D
15.5
pF
f=1MHz,VR=30V
Reverse Recovery Time
Reverse Recovery Charge
t
rr
Q
rr
2.46
1.38
ns
nC
Switched from I
F = 500mA
to V
R = 5V. Measured @ IR 50mA.
di/d t> 1A /ns.
Rsource = 6 ohm.
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
*Measured under pulsed conditions.


Similar Part No. - ZLLS400TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZLLS400TC DIODES-ZLLS400TC Datasheet
288Kb / 6P
   40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
More results

Similar Description - ZLLS400TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZLLS500 DIODES-ZLLS500 Datasheet
315Kb / 6P
   40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
logo
Zetex Semiconductors
ZLLS500 ZETEX-ZLLS500 Datasheet
316Kb / 6P
   40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZLLS500 ZETEX-ZLLS500_06 Datasheet
306Kb / 6P
   40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZLLS1000 ZETEX-ZLLS1000 Datasheet
312Kb / 6P
   40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
logo
Diodes Incorporated
ZLLS400 DIODES-ZLLS400 Datasheet
288Kb / 6P
   40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
logo
Zetex Semiconductors
ZLLS2000 ZETEX-ZLLS2000_07 Datasheet
159Kb / 7P
   40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZLLS1000 ZETEX-ZLLS1000_06 Datasheet
305Kb / 6P
   40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZLLS2000 ZETEX-ZLLS2000 Datasheet
287Kb / 6P
   40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
logo
Diodes Incorporated
ZLLS2000 DIODES-ZLLS2000_16 Datasheet
349Kb / 5P
   40V HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZLLS1000 DIODES-ZLLS1000_12 Datasheet
150Kb / 6P
   40V HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com