Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK10-430C Datasheet(PDF) 1 Page - Littelfuse

Part # AK10-430C
Description  Transient Voltage Suppression Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

AK10-430C Datasheet(HTML) 1 Page - Littelfuse

  AK10-430C Datasheet HTML 1Page - Littelfuse AK10-430C Datasheet HTML 2Page - Littelfuse AK10-430C Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
133
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Transient Voltage Suppression Diodes
Revision: June 17, 2009
AK10 Series
Axial Leaded – 10kA > AK10 series
Please refer to http://www.Littelfuse.com/series/AK10.html for current information.
AGENCY
AGENCY FILE NUMBER
E128662
The AK10 series of high current transient suppressors have
been specially designed for use in A.C. line protection and
any demanding applications (AC or DC).They offer superior
clamping characteristics over standard S.A.D. technologies
by virtue of the Littelfuse Foldbaktechnology, which
provides a clamping voltage lower than the avalanche
voltage (but above the rated working voltage). Therefore,
any voltage rise due to increased current conduction is
contained to a minimum, providing the best possible
protection level. They can also be connected in series and/
or parallel to create very high capacity protection solutions.
Description
Agency Approvals
Features
Maximum Ratings and Thermal Characteristics
(T
A=25
O
C unless otherwise noted)
AK10 Series
technology for
superior clamping factor
times less volume than
traditional discrete
solutions
Electrical Characteristics
Note: Using 8 x 20μS wave shaped defined in IEC 61000-4-5.
Part
Numbers
Standoff
Voltage
(V
SO)
Volts
Max.
Reverse
Leakage
(I
R) @VSO μA
Reverse Breakdown
Voltage (V
BR) @ IT
Test
Current
I
T
Max. Clamping Voltage
V
CL @ Peak Pulse Current
(I
PP) (Note 1)
Max.Temp
Coefficient
of V
BR
Max.
Capacitance
0 Bias 10kHz
Agency
Approval
Min Volts Max Volts
(mA)
V
CL Volts
I
PP Amps
(%/OC)
(nF)
AK10 - 058C
58
20
64
70
10
110
10,000
0.1
6.5
X
AK10 - 076C
76
20
85
95
10
140
10,000
0.1
6.5
X
AK10 - 170C
170
20
180
220
10
260
10,000
0.1
2.8
X
AK10 - 190C
190
20
200
245
10
290
10,000
0.1
2.5
X
AK10 - 240C
240
20
250
285
10
340
10,000
0.1
2.2
X
AK10 - 380C
380
20
401
443
10
520
10,000
0.1
2.0
X
AK10 - 430C
430
20
440
490
10
625
10,000
0.1
1.4
X
Parameter
Symbol
Unit
Storage Temperature Range
T T
(-)55 to 150
°C
Current Rating1
I
PP
10
kA
Note:
1. Rated I
PP measured with 8 x 20μs pulse.
RoHS


Similar Part No. - AK10-430C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
AK10-430C LUGUANG-AK10-430C Datasheet
1Mb / 2P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10-430C LITTELFUSE-AK10-430C Datasheet
785Kb / 3P
   Transient Voltage Suppression Diodes
AK10-430C LITTELFUSE-AK10-430C Datasheet
3Mb / 146P
   TVS Diode Products
logo
Micro Commercial Compon...
AK10-430C MCC-AK10-430C Datasheet
238Kb / 3P
   Micro Commercial Components 20736 Marilla Street Chatsworth CA 91311
logo
SUNMATE electronic Co.,...
AK10-430C SUNMATE-AK10-430C Datasheet
311Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSION DIODES
More results

Similar Description - AK10-430C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com