Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5371-BS Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS5371-BS
Description  Low-power, High-performance ?誇 Modulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5371-BS Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS5371-BS Datasheet HTML 5Page - Cirrus Logic CS5371-BS Datasheet HTML 6Page - Cirrus Logic CS5371-BS Datasheet HTML 7Page - Cirrus Logic CS5371-BS Datasheet HTML 8Page - Cirrus Logic CS5371-BS Datasheet HTML 9Page - Cirrus Logic CS5371-BS Datasheet HTML 10Page - Cirrus Logic CS5371-BS Datasheet HTML 11Page - Cirrus Logic CS5371-BS Datasheet HTML 12Page - Cirrus Logic CS5371-BS Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
CS5371 CS5372
DS255F3
9
3. MODULATOR PERFORMANCE
Figures 4 and 5 illustrate the spectral performance
of the CS5371/72 modulators when combined with
the CS5376A or CS5378 digital filter. The plots
were created from ten averaged 1024 point FFTs.
3.1.
Full-scale Signal Performance
Figure 4 illustrates the full-scale signal perfor-
mance of the CS5371/72 modulators and digital fil-
ter using a 31.25 Hz input signal and a 1000 SPS
output word rate. The outstanding full-scale signal
characteristics of the CS5371/72 modulators are
shown, with no harmonic components exceeding -
120 dB. Analysis of this data set yields a signal-to-
noise ratio (SNR) of 124.0 dB and a signal-to-dis-
tortion ratio (SDR) of 119.0 dB. Note that the full-
scale signal peak in Figure 4 shows a slightly re-
duced amplitude due to spectral smearing associ-
ated with the FFT windowing function, and is a
purely digital phenomenon.
3.2.
Noise Performance
Figure 5 illustrates the noise performance of the
CS5371/72 modulators and digital filter using a
31.25 Hz -24 dB input signal at a 1000 SPS output
word rate. The outstanding noise characteristics of
the CS5371/72 modulators are shown, with the av-
eraged noise components consistently below the
-150 dB level. Analysis of this data set yields a dy-
namic range of 124.7 dB.
Note that the 0.7 dB
variation between the signal-to-noise calculation in
Figure 4 and the dynamic range calculation in Fig-
ure 5 is not modulator dependent and results from
jitter in the test signal generator when producing a
full-scale output, as evidenced by the skirt sur-
rounding the signal peak below the -140 dB level in
Figure 4.
4. SIGNAL INPUTS
The CS5371/72 modulators use a switched capac-
itor architecture for the analog signal inputs, which
has increased jitter tolerance compared with con-
tinuous time signal input stages.
4.1.
Differential Inputs - INR+/-, INF+/-
The analog signal inputs are differential and use
four pins: INR+, INR-, INF+, and INF-. Two inputs,
INR+ and INF+, are connected to the positive half
of the differential signal, while two inputs, INR- and
INF-, are connected to the negative half. The INR+
and INR- pins are switched capacitor ‘rough
charge’ inputs that pre-charge the internal sam-
pling capacitor before it is connected to the INF+
and INF- fine input pins.
The full-scale analog signal span is defined by the
voltage applied across the VREF+ and VREF-
pins. A 2.5 volt reference input sets full-scale sig-
nals as 5 volts peak-to-peak, fully differential. Dif-
ferential inputs increase the dynamic range of
Figure 4. 1024 Point FFT plot with a 31.25 Hz
input at Full-scale, ten averages
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
50
100
150
200
250
300
350
400
450
500
Hz
S/N = 124.0 dB
S/D = 119.0 dB
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
50
100
150
200
250
300
350
400
450
500
Hz
Dynamic Range = 124.7 dB
Figure 5. 1024 Point FFT plot with a 31.25 Hz
input at -24 dB, ten averages


Similar Part No. - CS5371-BS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5371-BS CIRRUS-CS5371-BS Datasheet
366Kb / 22P
   LOW POWER HIGH PERFORMANCE MODULATORS
More results

Similar Description - CS5371-BS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5371A CIRRUS-CS5371A_09 Datasheet
302Kb / 32P
   Low-power, High-performance ?誇 Modulators
CS5371 CIRRUS-CS5371 Datasheet
366Kb / 22P
   LOW POWER HIGH PERFORMANCE MODULATORS
CS5371A CIRRUS-CS5371A Datasheet
534Kb / 32P
   Low-power, High-performance Modulators
CS5374_0910 CIRRUS-CS5374_0910 Datasheet
462Kb / 44P
   Dual High-performance Amplifier & ?誇 Modulator
CS5374 CIRRUS-CS5374 Datasheet
462Kb / 44P
   Dual High-performance Amplifier & ?誇 Modulator
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
logo
Asahi Kasei Microsystem...
AK5355 AKM-AK5355_05 Datasheet
161Kb / 20P
   Low Power 16bit ?誇 ADC
AK5355VT AKM-AK5355VT Datasheet
167Kb / 20P
   Low Power 16bit ?誇 ADC
AK5394A AKM-AK5394A_05 Datasheet
191Kb / 25P
   Super High Performance 192kHz 24-Bit ?誇 ADC
AK4554 AKM-AK4554 Datasheet
197Kb / 17P
   Low Power & Small Package 16bit ?誇 CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com