Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4391 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS4391
Description  24-Bit, 192 kHz Stereo DAC with Volume Control
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4391 Datasheet(HTML) 3 Page - Cirrus Logic

  CS4391 Datasheet HTML 1Page - Cirrus Logic CS4391 Datasheet HTML 2Page - Cirrus Logic CS4391 Datasheet HTML 3Page - Cirrus Logic CS4391 Datasheet HTML 4Page - Cirrus Logic CS4391 Datasheet HTML 5Page - Cirrus Logic CS4391 Datasheet HTML 6Page - Cirrus Logic CS4391 Datasheet HTML 7Page - Cirrus Logic CS4391 Datasheet HTML 8Page - Cirrus Logic CS4391 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
CS4391
DS335PP4
3
Serial Audio Data - SDATA ...........................................................................................21
Serial Clock - SCLK ......................................................................................................22
Left / Right Clock - LRCK ..............................................................................................22
Master Clock - MCLK ....................................................................................................22
Mode Select - M3, M2, M1 and M0 (Stand-alone Mode) .............................................22
Mode Select - M3 (Control Port Mode) ........................................................................22
Serial Control Interface Clock - SCL/CCLK (Control Port Mode) .................................23
Serial Control Data I/O - SDA/CDIN (Control Port Mode) .............................................23
Address Bit / Chip Select - AD0 / CS (Control Port Mode)...........................................23
Positive Voltage Reference - FILT+ ..............................................................................23
Common Mode Voltage - CMOUT ................................................................................23
Channel A and Channel B Mute Control - AMUTEC and BMUTEC .............................23
Differential Analog Output - AOUTB+, AOUTB- and AOUTA+, AOUTA-......................24
Analog Ground - AGND ................................................................................................24
Analog Power - VA ........................................................................................................24
6. PIN DESCRIPTION - DSD MODE ....................................................................................25
DSD Audio Data - DSD_A and DSD_B.........................................................................25
DSD Mode - DSD_Mode ...............................................................................................25
Master Clock - MCLK ....................................................................................................25
DSD Serial Clock - DSD_SCLK ...................................................................................25
7. APPLICATIONS ...............................................................................................................32
7.1 Recommended Power-up Sequence for Hardware Mode ....................................32
7.2 Recommended Power-up Sequence and Access to Control Port Mode ..............32
7.3 Analog Output and Filtering ..................................................................................32
8. CONTROL PORT INTERFACE ........................................................................................33
8.1 SPI Mode ..............................................................................................................33
8.2 I2C Mode ..............................................................................................................33
9. PARAMETER DEFINITIONS ...........................................................................................37
Total Harmonic Distortion + Noise (THD+N) .................................................................37
Dynamic Range.............................................................................................................37
Interchannel Isolation ....................................................................................................37
Interchannel Gain Mismatch .........................................................................................37
Gain Error......................................................................................................................37
Gain Drift .......................................................................................................................37
10. REFERENCES ...............................................................................................................37
11. PACKAGE DIMENSIONS
...........................................................................................38


Similar Part No. - CS4391

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4391 CIRRUS-CS4391 Datasheet
576Kb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391-KZ CIRRUS-CS4391-KZ Datasheet
576Kb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
logo
List of Unclassifed Man...
CS4391-KZ ETC2-CS4391-KZ Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Cirrus Logic
CS4391A CIRRUS-CS4391A Datasheet
748Kb / 40P
   24-BIT, 192 kHz STEREO DAC WITH VOLUME CONTROL
CS4391A-KS CIRRUS-CS4391A-KS Datasheet
748Kb / 40P
   24-BIT, 192 kHz STEREO DAC WITH VOLUME CONTROL
More results

Similar Description - CS4391

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4392 CIRRUS-CS4392_04 Datasheet
1Mb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341A CIRRUS-CS4341A_04 Datasheet
1Mb / 34P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392 Datasheet
978Kb / 42P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391 CIRRUS-CS4391 Datasheet
576Kb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391A CIRRUS-CS4391A Datasheet
748Kb / 40P
   24-BIT, 192 kHz STEREO DAC WITH VOLUME CONTROL
CS4341A CIRRUS-CS4341A Datasheet
716Kb / 32P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341 CIRRUS-CS4341_05 Datasheet
909Kb / 34P
   24-Bit, 96 kHz Stereo DAC with Volume Control
CS4341 CIRRUS-CS4341 Datasheet
923Kb / 36P
   24-Bit, 96 kHz Stereo DAC with Volume Control?
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com