Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4205 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS4205
Description  CrystalClear짰 Audio Codec ??7 for Portable Computing
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4205 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS4205 Datasheet HTML 5Page - Cirrus Logic CS4205 Datasheet HTML 6Page - Cirrus Logic CS4205 Datasheet HTML 7Page - Cirrus Logic CS4205 Datasheet HTML 8Page - Cirrus Logic CS4205 Datasheet HTML 9Page - Cirrus Logic CS4205 Datasheet HTML 10Page - Cirrus Logic CS4205 Datasheet HTML 11Page - Cirrus Logic CS4205 Datasheet HTML 12Page - Cirrus Logic CS4205 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 81 page
background image
CS4205
DS489PP4
9
DIGITAL CHARACTERISTICS (AVss1 = AVss2 = DVss1 = DVss2 = 0 V)
Parameter
Symbol
Min
Typ
Max
Unit
DVdd = 3.3V
Low level input voltage
Vil
-
-
0.80
V
High level input voltage
Vih
2.15
-
-
V
High level output voltage
Voh
3.00
3.25
-
V
Low level output voltage
Vol
-0.03
0.35
V
Input Leakage Current (AC-link inputs)
-10
-
10
µA
Output Leakage Current (Tri-stated AC-link outputs)
-10
-
10
µA
Output buffer drive current
BIT_CLK, SPDO/SDO2
SDATA_IN, EAPD/SCLK, GPIO0/LRCLK,
GPIO1/SDOUT, GPIO2/SDI1, GPIO3/SDI2,
GPIO4/SDI3
(Note 4)
-
-
24
4
-
-
mA
mA
DVdd = 5.0 V
Low level input voltage
Vil
-
-
0.80
V
High level input voltage
Vih
3.25
-
-
V
High level output voltage
Voh
4.50
4.95
-
V
Low level output voltage
Vol
-
0.03
0.35
V
Input Leakage Current (AC-link inputs)
-10
-
10
µA
Output Leakage Current (Tri-stated AC-link outputs)
-10
-
10
µA
Output buffer drive current
BIT_CLK, SPDO/SDO2
SDATA_IN, EAPD/SCLK, GPIO0/LRCLK,
GPIO1/SDOUT, GPIO2/SDI1, GPIO3/SDI2,
GPIO4/SDI3
(Note 4)
-
-
24
4
-
-
mA
mA


Similar Part No. - CS4205

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4205 CIRRUS-CS4205 Datasheet
1Mb / 80P
   CrystalClear Audio Codec 97 with Portable Computing
CS4205 CIRRUS-CS4205 Datasheet
1Mb / 66P
   Audio Codec ??7 with Headphone Amplifier
CS4205-KQ CIRRUS-CS4205-KQ Datasheet
1Mb / 80P
   CrystalClear Audio Codec 97 with Portable Computing
More results

Similar Description - CS4205

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4297A CIRRUS-CS4297A_06 Datasheet
1Mb / 52P
   CrystalClear짰 SoundFusion??Audio Codec ??7
CS4205 CIRRUS-CS4205 Datasheet
1Mb / 80P
   CrystalClear Audio Codec 97 with Portable Computing
logo
Wolfson Microelectronic...
WM8973 WOLFSON-WM8973_05 Datasheet
754Kb / 61P
   Stereo CODEC for Portable Audio Applications
WM8750 WOLFSON-WM8750 Datasheet
773Kb / 60P
   Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_05 Datasheet
757Kb / 62P
   Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_12 Datasheet
733Kb / 65P
   Stereo CODEC for Portable Audio Applications
WM8971L WOLFSON-WM8971L Datasheet
622Kb / 56P
   STEREO CODEC FOR PORTABLE AUDIO APPLLICATIONS
WM8972L WOLFSON-WM8972L Datasheet
531Kb / 49P
   MONO CODEC FOR PORTABLE AUDIO APPLICATIONS
WM8987L WOLFSON-WM8987L Datasheet
739Kb / 58P
   Stereo CODEC for Portable Audio Applications
WM8750BL WOLFSON-WM8750BL_12 Datasheet
773Kb / 60P
   Stereo CODEC for Portable Audio Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com