Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZLDO485 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZLDO485
Description  4.85 VOLT ULTRA LOW DROPOUT REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZLDO485 Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZLDO485 Datasheet HTML 1Page - Zetex Semiconductors ZLDO485 Datasheet HTML 2Page - Zetex Semiconductors ZLDO485 Datasheet HTML 3Page - Zetex Semiconductors ZLDO485 Datasheet HTML 4Page - Zetex Semiconductors ZLDO485 Datasheet HTML 5Page - Zetex Semiconductors ZLDO485 Datasheet HTML 6Page - Zetex Semiconductors ZLDO485 Datasheet HTML 7Page - Zetex Semiconductors ZLDO485 Datasheet HTML 8Page - Zetex Semiconductors ZLDO485 Datasheet HTML 9Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ZLDO485
180
160
140
120
100
80
60
40
20
0
0.1
1.0
10
100
Load Current (mA)
Dropout Voltage vs. Load Current
V(in)=7V
200
220
1000
85 °C
25 °C
-40 °C
V(in)=12V
V(in)=7V
Io=100mA
Time (
µs)
Line Transient Response
0
200
400
600
800
1000
-1
0
1
0.5
0
-0.5
Io=0mA
Io=100mA
V(in)=7V
0
200
400
600
800
1000
Time (
µs)
Load Transient Response
Output Voltage Deviation
Output Voltage Deviation
Safe Operating Area
SINGLE PULSE TEST Tamb =25 °C
1.0
0.1
0.01
Input-Output Differential Voltage (V)
2
5
10
20
1
DC
DC
1s
0.1s
10ms
TYPICAL CHARACTERISTICS
Operation in shaded area is not guaranteed
4-75


Similar Part No. - ZLDO485

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZLDO485 DIODES-ZLDO485 Datasheet
127Kb / 9P
   4.85 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO485T8 DIODES-ZLDO485T8 Datasheet
127Kb / 9P
   4.85 VOLT ULTRA LOW DROPOUT REGULATOR
More results

Similar Description - ZLDO485

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZLDO485 DIODES-ZLDO485 Datasheet
127Kb / 9P
   4.85 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO285 DIODES-ZLDO285 Datasheet
84Kb / 9P
   2.85 VOLT ULTRA LOW DROPOUT REGULATOR
logo
Zetex Semiconductors
ZLDO330 ZETEX-ZLDO330 Datasheet
86Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
logo
Diodes Incorporated
ZLDO300 DIODES-ZLDO300 Datasheet
243Kb / 9P
   3.0 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO270 DIODES-ZLDO270 Datasheet
86Kb / 9P
   2.70 VOLT ULTRA LOW DROPOUT REGULATOR
logo
Zetex Semiconductors
ZLDO285 ZETEX-ZLDO285 Datasheet
83Kb / 9P
   2.85 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO300 ZETEX-ZLDO300 Datasheet
242Kb / 9P
   3.0 VOLT ULTRA LOW DROPOUT REGULATOR
logo
Diodes Incorporated
ZLDO330T8TA DIODES-ZLDO330T8TA Datasheet
99Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO330T8TA DIODES-ZLDO330T8TA Datasheet
99Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO330 DIODES-ZLDO330 Datasheet
99Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com