Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX107-65-18 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # TX107-65-18
Description  Ferrite toroids
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

TX107-65-18 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  TX107-65-18 Datasheet HTML 1Page - Ferroxcube International Holding B.V. TX107-65-18 Datasheet HTML 2Page - Ferroxcube International Holding B.V. TX107-65-18 Datasheet HTML 3Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008 Sep 01
1777
Ferroxcube
Ferrite toroids
TX107/65/18
RING CORES (TOROIDS)
Effective core parameters
Coating
The cores are coated with epoxy, flame retardant in
accordance with “UL 94V-0”; UL file number E 235873.
The colour is white.
Maximum operating temperature is 200
°C.
Isolation voltage
DC isolation voltage: 2000 V.
Contacts are applied on the edge of the ring core, which is
also the critical point for the winding operation.
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.700
mm−1
Ve
effective volume
96000
mm3
Ie
effective length
259
mm
Ae
effective area
370
mm2
m
mass of core
≈ 456
g
Fig.1 TX107/65/18 ring core.
Dimensions in mm.
CBW198
107.4
± 2.1
64.7
± 1.4
epoxy
18.3
± 0.55
Ring core data
Properties of cores under power conditions
GRADE
AL
(nH)
µi
TYPE NUMBER
3F3
3230
± 25%
≈ 1800
TX107/65/18-3F3
3E25
9 900
± 25%
≈ 5500
TX107/65/18-3E25
GRADE
B (mT) at
CORE LOSS (W) at
H= 250 A/m;
f = 25 kHz;
T = 100
°C
f= 100 kHz;
= 100 mT;
T=100
°C
f= 400 kHz;
=50mT;
T=100
°C
3F3
≥320
≤ 10.6
≤ 18.2
B
ˆ
B
ˆ


Similar Part No. - TX107-65-18

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
TX1079FNL PULSE-TX1079FNL Datasheet
491Kb / 3P
   XFMR,OCT,T1,TOU,1:2 OPEN HEADER
TX1079QNL PULSE-TX1079QNL Datasheet
146Kb / 2P
   XFMR,OCT,T1,OPEN,1:2,1:1.15
More results

Similar Description - TX107-65-18

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TC3.5-3E28 FERROXCUBE-TC3.5-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC2.5-4A11 FERROXCUBE-TC2.5-4A11 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.1-4A11 FERROXCUBE-TC3.1-4A11 Datasheet
44Kb / 3P
   Ferrite toroids
TN20-10-7 FERROXCUBE-TN20-10-7 Datasheet
44Kb / 3P
   Ferrite toroids
TN26-15-20 FERROXCUBE-TN26-15-20 Datasheet
45Kb / 3P
   Ferrite toroids
TX14-9-5 FERROXCUBE-TX14-9-5 Datasheet
43Kb / 3P
   Ferrite toroids
TX80-40-15 FERROXCUBE-TX80-40-15 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.5-3E27 FERROXCUBE-TC3.5-3E27 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.9-3E28 FERROXCUBE-TC3.9-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC7.6-3C90 FERROXCUBE-TC7.6-3C90 Datasheet
45Kb / 3P
   Ferrite toroids
TN13-4C65 FERROXCUBE-TN13-4C65 Datasheet
47Kb / 4P
   Ferrite toroids
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com