Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC369-25 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BC369-25
Description  PNP medium power transistor;
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC369-25 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BC369-25 Datasheet HTML 4Page - NXP Semiconductors BC369-25 Datasheet HTML 5Page - NXP Semiconductors BC369-25 Datasheet HTML 6Page - NXP Semiconductors BC369-25 Datasheet HTML 7Page - NXP Semiconductors BC369-25 Datasheet HTML 8Page - NXP Semiconductors BC369-25 Datasheet HTML 9Page - NXP Semiconductors BC369-25 Datasheet HTML 10Page - NXP Semiconductors BC369-25 Datasheet HTML 11Page - NXP Semiconductors BC369-25 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2004 Nov 05
10
NXP Semiconductors
Product data sheet
PNP medium power transistor;
20 V, 1 A
BC369
PACKAGE OUTLINE
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
5.2
5.0
b
0.48
0.40
c
0.45
0.38
D
4.8
4.4
d
1.7
1.4
E
4.2
3.6
L
14.5
12.7
e
2.54
e1
1.27
L1
(1)
max.
2.5
b1
0.66
0.55
DIMENSIONS (mm are the original dimensions)
Note
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.
SOT54
TO-92
SC-43A
04-06-28
04-11-16
A
L
0
2.5
5 mm
scale
b
c
D
b1
L1
d
E
Plastic single-ended leaded (through hole) package; 3 leads
SOT54
e1
e
1
2
3


Similar Part No. - BC369-25

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC369-25 PHILIPS-BC369-25 Datasheet
44Kb / 8P
   PNP medium power transistor
1999 Apr 26
More results

Similar Description - BC369-25

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5540Z PHILIPS-PBSS5540Z Datasheet
44Kb / 8P
   PNP medium power transistor
1999 Aug 04
logo
Guangdong Kexin Industr...
BC869 KEXIN-BC869 Datasheet
53Kb / 2P
   PNP Medium Power Transistor
logo
Chenmko Enterprise Co. ...
2SA1036KPT CHENMKO-2SA1036KPT Datasheet
102Kb / 3P
   Medium Power PNP Transistor
logo
Galaxy Semi-Conductor H...
BC869 BILIN-BC869 Datasheet
142Kb / 3P
   PNP medium power Transistor
logo
Chenmko Enterprise Co. ...
2SB1188PT CHENMKO-2SB1188PT Datasheet
242Kb / 3P
   PNP Medium Power Transistor
logo
Guangdong Kexin Industr...
KCP69 KEXIN-KCP69 Datasheet
79Kb / 2P
   PNP medium power transistor
logo
STMicroelectronics
2SB772 STMICROELECTRONICS-2SB772_07 Datasheet
109Kb / 8P
   PNP medium power transistor
logo
SHIKUES Electronics
BC869 SKTECHNOLGY-BC869 Datasheet
414Kb / 2P
   PNP Medium Power Transistor
logo
Rohm
UMT4403U3HZG ROHM-UMT4403U3HZG Datasheet
1Mb / 10P
   PNP Medium Power Transistor
logo
NXP Semiconductors
BC369 PHILIPS-BC369 Datasheet
44Kb / 8P
   PNP medium power transistor
1999 Apr 26
logo
STMicroelectronics
STF826 STMICROELECTRONICS-STF826 Datasheet
448Kb / 12P
   PNP medium power transistor
March 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com