Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZHCS1006 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZHCS1006
Description  SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쒾uperBAT?
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZHCS1006 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZHCS1006 Datasheet HTML 1Page - Zetex Semiconductors ZHCS1006 Datasheet HTML 2Page - Zetex Semiconductors ZHCS1006 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOT23 SILICON HIGH CURRENT
SCHOTTKY BARRIER DIODE ”SuperBAT”
ISSUE 1 - NOVEMBER 1997
7
FEATURES:
High current capability
Low V
F
APPLICATIONS:
Mobile telecomms, PCMIA & SCSI
DC-DC Conversion
PARTMARKING DETAILS : S16
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Continuous Reverse Voltage
VR
60
V
Forward Current
IF
900
mA
Forward Voltage @ IF = 1000mA(typ)
VF
600
mV
Average Peak Forward Current;D.C.= 50%
IFAV
1600
mA
Non Repetitive Forward Current t
≤100µs
t
≤10ms
IFSM
12
5
A
A
Power Dissipation at Tamb=25° C
Ptot
500
mW
Storage Temperature Range
Tstg
-55 to + 150
° C
Junction Temperature
Tj
125
° C
ELECTRICAL CHARACTERISTICS (at Tamb = 25° C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Reverse Breakdown
Voltage
V(BR)R
60
80
V
IR=300µA
Forward Voltage
VF
245
275
330
395
455
510
620
280
320
390
470
530
600
740
mV
mV
mV
mV
mV
mV
mV
IF= 50mA*
IF= 100mA*
IF= 250mA*
IF= 500mA*
IF= 750mA*
IF= 1000mA*
IF= 1500mA*
Reverse Current
IR
50
100
µA
VR= 45V
Diode Capacitance
CD
17
pF
f= 1MHz,VR=25V
Reverse Recovery
Time
trr
12
ns
switched from
IF = 500mA to IR =
500mA
Measured at IR = 50mA
*Measured under pulsed conditions. Pulse width= 300
µs. Duty cycle ≤2%
ZHCS1006
1
3
C
1
A
3
2
SOT23


Similar Part No. - ZHCS1006

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ZHCS1006 FAIRCHILD-ZHCS1006 Datasheet
177Kb / 3P
   SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쒾uperBAT?
ZHCS1006TA FAIRCHILD-ZHCS1006TA Datasheet
177Kb / 3P
   SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쒾uperBAT?
More results

Similar Description - ZHCS1006

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZHCS1000 ZETEX-ZHCS1000 Datasheet
163Kb / 3P
   SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쒾uperBAT?
logo
Diodes Incorporated
ZHCS1000 DIODES-ZHCS1000 Datasheet
174Kb / 3P
   SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쒾uperBAT?
logo
Fairchild Semiconductor
ZHCS1006TA FAIRCHILD-ZHCS1006TA Datasheet
177Kb / 3P
   SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쒾uperBAT?
logo
SUNMATE electronic Co.,...
ZHCS400 SUNMATE-ZHCS400 Datasheet
731Kb / 3P
   SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
ZHCS400 SEMTECH_ELEC-ZHCS400 Datasheet
221Kb / 3P
   SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
logo
Continental Device Indi...
SDC1000 CDIL-SDC1000 Datasheet
109Kb / 3P
   SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
logo
Zetex Semiconductors
ZHCS500 ZETEX-ZHCS500 Datasheet
102Kb / 3P
   SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS506 ZETEX-ZHCS506 Datasheet
101Kb / 3P
   SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS2000 ZETEX-ZHCS2000_02 Datasheet
1Mb / 8P
   40V SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
ZHCS2000 DIODES-ZHCS2000 Datasheet
1Mb / 8P
   40V SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com