Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-720LPDNAC Datasheet(PDF) 7 Page - Vectron International, Inc

Part # VS-720LPDNAC
Description  Voltage Controlled SAW Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VS-720LPDNAC Datasheet(HTML) 7 Page - Vectron International, Inc

  VS-720LPDNAC Datasheet HTML 1Page - Vectron International, Inc VS-720LPDNAC Datasheet HTML 2Page - Vectron International, Inc VS-720LPDNAC Datasheet HTML 3Page - Vectron International, Inc VS-720LPDNAC Datasheet HTML 4Page - Vectron International, Inc VS-720LPDNAC Datasheet HTML 5Page - Vectron International, Inc VS-720LPDNAC Datasheet HTML 6Page - Vectron International, Inc VS-720LPDNAC Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
VS-720 Voltage Controlled SAW Oscillator
Vectron International
267 Lowell Rd Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Rev: 3 April 2007
Standard Output Frequencies (MHz)
*155.5200
*156.2500
*160.0000
*175.0000
*187.5000
*194.8000
*200.0000
212.5000
240.0000
245.7600
250.0000
311.0400
312.5000
320.0000
324.0000
350.0000
375.0000
389.6000
400.0000
425.0000
480.0000
491.5200
500.0000
531.2500
537.6000
600.0000
622.0800
625.0000
644.5313
657.4219
666.5143
669.3266
672.1627
690.5692
693.4830
704.3806
707.3527
720.0000
768.0000
796.8750
Frequencies not shown are available upon request. *VC-710 is preferred VCXO for frequencies ≤ 200 MHz
Revision Control
A
6/28/06
Vectron Prod Mgt.
Release of VS-720 Datasheet
B
4/03/07
Vectron Prod Mgt.
Updates to APR, Freq, & Harmonic Spec
Ordering Information
VS - 720 - L F F - G A A - xxx.xxx
Not all combinations are possible
For Additional Information, Please Contact:
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice.
No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Page 7 of 7
USA:
Vectron International, 267 Lowell Rd, Hudson, NH 03051 . . . . Tel: 1-88-VECTRON-1
Fax: 1-888-FAX-VECTRON
EUROPE:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tel: +49 (0) 3328-4784-17
Fax: +49 (0) 3328-4784-30
ASIA:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tel: +86-21-28909740
Fax: +86-21-28909240
Product Family
VS = VCSO
Package
720 = 5.0 x 7.5 x 2.0 mm
6 Pad Ceramic SMD
Input
L = 3.3 Vdc ± 10%
Output
F = LVPECL (45/55% Symmetry)
P = LVDS (45/55% Symmetry)
Operating Temperature
C = 0°C to 70
°C
D = -20ºC to 70ºC
F = -40°C to 85
°C
Frequency
150 - 800 MHz
Performance Options
A = Default Option
B = Lowest Phase Noise
C = ±5% maximum Linearity
D = + 20 ppm maximum
Temperature Stability
Enable/Disable Input Logic (LV-CMOS)
A = Pin 2: Enable Low (or Gnd)/Disable High
B = Pin 2: Enable High (or Vcc)/Disable Low
Absolute Pull Range Options
C = ± 20 ppm minimum
F = ± 32 ppm minimum
G = ± 50 ppm minimum (default value)
N = ± 80 ppm minimum
H = ± 100 ppm minimum


Similar Part No. - VS-720LPDNAC

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-720 VECTRON-VS-720 Datasheet
288Kb / 7P
   Voltage Controlled SAW Oscillator
VS-720-LFC-CAA-693.4830 VECTRON-VS-720-LFC-CAA-693.4830 Datasheet
288Kb / 7P
   Voltage Controlled SAW Oscillator
VS-720-LFC-CAB-693.4830 VECTRON-VS-720-LFC-CAB-693.4830 Datasheet
288Kb / 7P
   Voltage Controlled SAW Oscillator
VS-720-LFC-CAC-693.4830 VECTRON-VS-720-LFC-CAC-693.4830 Datasheet
288Kb / 7P
   Voltage Controlled SAW Oscillator
VS-720-LFC-CAD-693.4830 VECTRON-VS-720-LFC-CAD-693.4830 Datasheet
288Kb / 7P
   Voltage Controlled SAW Oscillator
More results

Similar Description - VS-720LPDNAC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
M675 IDT-M675 Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M624 ICST-M624 Datasheet
52Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS700 VECTRON-VS700_09 Datasheet
840Kb / 7P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
VCSO-OC12-1 SYNERGY-VCSO-OC12-1 Datasheet
419Kb / 3P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS-502 VECTRON-VS-502 Datasheet
202Kb / 8P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501_12 Datasheet
408Kb / 6P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501 Datasheet
205Kb / 5P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
MSO1000-3 SYNERGY-MSO1000-3 Datasheet
326Kb / 4P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M660-01 ICST-M660-01 Datasheet
552Kb / 3P
   Voltage Controlled SAW Oscillator
logo
API Technologies Corp
TOM9339 APITECH-TOM9339 Datasheet
58Kb / 1P
   Voltage Controlled SAW Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com