Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX27-15-11 Datasheet(PDF) 1 Page - Ferroxcube International Holding B.V.

Part # TX27-15-11
Description  Alloy powder toroids
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

TX27-15-11 Datasheet(HTML) 1 Page - Ferroxcube International Holding B.V.

  TX27-15-11 Datasheet HTML 1Page - Ferroxcube International Holding B.V. TX27-15-11 Datasheet HTML 2Page - Ferroxcube International Holding B.V. TX27-15-11 Datasheet HTML 3Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA SHEET
New data
2008 Sep 01
FERROXCUBE
TX27/15/11
Alloy powder toroids


Similar Part No. - TX27-15-11

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
TX2-1.5V NAIS-TX2-1.5V Datasheet
166Kb / 7P
   2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
logo
Panasonic Semiconductor
TX2-1.5V PANASONIC-TX2-1.5V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
logo
List of Unclassifed Man...
TX2-10 ETC1-TX2-10 Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
TX2-10F ETC1-TX2-10F Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
TX2-10FZ ETC1-TX2-10FZ Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
More results

Similar Description - TX27-15-11

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TX57-36-14 FERROXCUBE-TX57-36-14 Datasheet
44Kb / 3P
   Alloy powder toroids
TX6.6-2.7-4.8 FERROXCUBE-TX6.6-2.7-4.8 Datasheet
43Kb / 3P
   Alloy powder toroids
TX11-6.4-4 FERROXCUBE-TX11-6.4-4 Datasheet
44Kb / 3P
   Alloy powder toroids
TX3.6-1.8-1.5 FERROXCUBE-TX3.6-1.8-1.5 Datasheet
43Kb / 3P
   Alloy powder toroids
TX57-26-15 FERROXCUBE-TX57-26-15 Datasheet
43Kb / 3P
   Alloy powder toroids
TX78-49-13 FERROXCUBE-TX78-49-13 Datasheet
44Kb / 3P
   Alloy powder toroids
TX9.7-4.8-4 FERROXCUBE-TX9.7-4.8-4 Datasheet
43Kb / 3P
   Alloy powder toroids
TX20-13-6.4 FERROXCUBE-TX20-13-6.4 Datasheet
44Kb / 3P
   Alloy powder toroids
TX34-23-8.9 FERROXCUBE-TX34-23-8.9 Datasheet
43Kb / 3P
   Alloy powder toroids
TX3.9-2.2-2.5 FERROXCUBE-TX3.9-2.2-2.5 Datasheet
43Kb / 3P
   Alloy powder toroids
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com