Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAP64LX Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAP64LX
Description  Silicon PIN diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAP64LX Datasheet(HTML) 2 Page - NXP Semiconductors

  BAP64LX Datasheet HTML 1Page - NXP Semiconductors BAP64LX Datasheet HTML 2Page - NXP Semiconductors BAP64LX Datasheet HTML 3Page - NXP Semiconductors BAP64LX Datasheet HTML 4Page - NXP Semiconductors BAP64LX Datasheet HTML 5Page - NXP Semiconductors BAP64LX Datasheet HTML 6Page - NXP Semiconductors BAP64LX Datasheet HTML 7Page - NXP Semiconductors BAP64LX Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BAP64LX_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 29 June 2007
2 of 8
NXP Semiconductors
BAP64LX
Silicon PIN diode
4.
Marking
5.
Limiting values
6.
Thermal characteristics
7.
Characteristics
Table 3.
Marking
Type number
Marking code
BAP64LX
LE
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
60
V
IF
forward current
-
100
mA
Ptot
total power dissipation
Tsp = 90 °C
-
150
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-sp)
thermal resistance from junction
to solder point
56
K/W
Table 6.
Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 100 mA
-
0.95
1.1
V
IR
reverse current
VR = 100 V
-
-
100
nA
Cd
diode capacitance
see Figure 1; f = 1 MHz;
VR = 0 V
-
0.48
-
pF
VR = 1 V
-
0.34
-
pF
VR = 20 V
-
0.17
0.30
pF
rD
diode forward resistance
see Figure 2; f = 100 MHz;
IF = 0.5 mA
-
31
50
IF = 1 mA
-
16
26
IF = 10 mA
-
2.6
4.4
IF = 100 mA
-
0.9
1.5
ISL
isolation
see Figure 3;VR =0V;
f = 900 MHz
-
22
-
dB
f = 1800 MHz
-
16
-
dB
f = 2450 MHz
-
14
-
dB


Similar Part No. - BAP64LX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP64LX PHILIPS-BAP64LX Datasheet
54Kb / 8P
   Silicon PIN diode
Rev. 01-29 June 2007
BAP64LX NXP-BAP64LX Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BAP64LX PHILIPS-BAP64LX Datasheet
139Kb / 9P
   Silicon PIN diode
Rev. 5-12 May 2015
BAP64LX PHILIPS-BAP64LX_15 Datasheet
139Kb / 9P
   Silicon PIN diode
Rev. 5-12 May 2015
More results

Similar Description - BAP64LX

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com