Electronic Components Datasheet Search |
|
ADC1610S Datasheet(PDF) 1 Page - NXP Semiconductors |
|
ADC1610S Datasheet(HTML) 1 Page - NXP Semiconductors |
1 / 38 page 1. General description The ADC1610S is a single-channel 16-bit Analog-to-Digital Converter (ADC) optimized for high dynamic performances and low power consumption at sample rates up to 125 Msps. Pipelined architecture and output error correction ensure the ADC1610S is accurate enough to guarantee zero missing codes over the entire operating range. Supplied from a single 3 V source, it can handle output logic levels from 1.8 V to 3.3 V in CMOS mode, because of a separate digital output supply. It supports the Low Voltage Differential Signalling (LVDS) Double Data Rate (DDR) output standard. An integrated Serial Peripheral Interface (SPI) allows the user to easily configure the ADC. The device also includes a SPI programmable full-scale to allow flexible input voltage range from 1 V to 2 V (peak-to-peak). With excellent dynamic performance from the baseband to input frequencies of 170 MHz or more, the ADC1610S is ideal for use in communications, imaging and medical applications. 2. Features and benefits 3. Applications ADC1610S series Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs Rev. 02 — 12 April 2010 Objective data sheet SNR, 72.5 dBFS; SFDR, 88 dBc Input bandwidth, 600 MHz Sample rate up to 125 Msps Power dissipation, 430 mW at 80 Msps 16-bit pipelined ADC core Serial Peripheral Interface (SPI) Clock input divider by 2 for less jitter contribution Duty cycle stabilizer Single 3 V supply Fast OuT of Range (OTR) detection Flexible input voltage range: 1 V to 2 V (peak-to-peak). INL ±1 LSB, DNL ±0.5 LSB CMOS or LVDS DDR digital outputs Offset binary, two’s complement, gray code Power-down and Sleep modes HVQFN40 package Wireless and wired broadband communications Portable instrumentation Spectral analysis Imaging systems Ultrasound equipment Software define radio |
Similar Part No. - ADC1610S |
|
Similar Description - ADC1610S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |