Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS2E-M-DC3 Datasheet(PDF) 1 Page - Kepont Electronics, Inc.

Part # KS2E-M-DC3
Description  Miniature Power Relay
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEPONT [Kepont Electronics, Inc.]
Direct Link  http://www.kepont.com
Logo KEPONT - Kepont Electronics, Inc.

KS2E-M-DC3 Datasheet(HTML) 1 Page - Kepont Electronics, Inc.

  KS2E-M-DC3 Datasheet HTML 1Page - Kepont Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimension:
21 x 10 x 12mm
Coil Voltage:
3, 5, 12, 24 VDC
Contact Current (A)
2 A
Coil Power:
0.20W
Contact Rating:
2A/28Vdc
0.5A, 1A/125Vac, 30Vdc
Contact Arrangement:
2 Form C
Max. Switching Power:
Max. Switching Voltage:
48W 60VA
24Vdc 220Vac
Contact Material:
Ag AgNi (Au clad)
Contact Resistance:
≤50m Ω
Insulation Resistance:
1000M Ω
Operating Temperature:
-30°c ~ 70°c
Electrical Life:
105 times
Dielectric
Strength
Mechanical Life:
107 times
Coil and Contact:
500V (50Hz)
Weight
(Approx.):
5grams (2oz.)
1000V (50Hz)
KS2E-M - Series
Your source for reliable Relays & Sockets
*Comparable to most Industry Standard Application
©Copyright 20
10 KEST™ – All rights reserved
Miniature Power Relay
E323872


Similar Part No. - KS2E-M-DC3

ManufacturerPart #DatasheetDescription
logo
Kepont Electronics, Inc...
KS2E-M-DC12 KEPONT-KS2E-M-DC12 Datasheet
152Kb / 1P
   Miniature Power Relay
KS2E-M-DC5 KEPONT-KS2E-M-DC5 Datasheet
152Kb / 1P
   Miniature Power Relay
More results

Similar Description - KS2E-M-DC3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
   Miniature Power Relay
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
   MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
   MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
   MINIATURE POWER RELAY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com