Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZDT6705 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZDT6705
Description  COMPLEMENTARY MEDIUM POWER DARLINGTON TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZDT6705 Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZDT6705 Datasheet HTML 1Page - Zetex Semiconductors ZDT6705 Datasheet HTML 2Page - Zetex Semiconductors ZDT6705 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PNP TRANSISTOR
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX. UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
-140
V
IC=-100µA
Collector-Emitter
Breakdown Voltage
VCEO(SUS) -120
V
IC=-10mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
-10
V
IE=-100µA
Collector Cutoff
Current
ICBO
-0.1
-10
µ
A
µ
A
VCB=-120V
VCB=-120V, Tamb=100°C
Collector-Emitter
Cutoff Current
ICES
-10
µ
A
VCES=-80V
Emitter Cutoff Current IEBO
-0.1
µ
A
VEB=-8V
Collector-Emitter
Saturation Voltage
VCE(sat)
-1.3
-2.5
V
V
IC=-1A, IB=-1mA*
IC=-2A, IB=-2mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-1.8
V
IC=-1A, IB=-10mA*
Base-Emitter Turn-On
Voltage
VBE(on)
-1.7
V
IC=-1A, VCE=-5V*
Static Forward
Current Transfer Ratio
hFE
3K
3K
3K
2K
30K
IC=-10mA, VCE=-5V*
IC=-100mA, VCE=-5V*
IC=-1A, VCE=-5V*
IC=-2A, VCE=-5V*
Transition Frequency
fT
160
MHz
IC=-100mA, VCE=-10V
f=20MHz
Input Capacitance
Cibo
90
pF
VEB=-0.5V, f=1MHz
Output Capacitance
Cobo
15
pF
VCE=-10V, f=1MHz
Switching Times
ton
0.6
µ
s
IC=-0.5A, VCE=-10V
IB1=IB2=-0.5mA
toff
0.8
µ
s
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
For typical characteristics graphs see ZDT705 datasheet.
ZDT6705
3 - 371


Similar Part No. - ZDT6705

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZDT6705TC ZILOG-ZDT6705TC Datasheet
38Kb / 3P
   SM-8 COMPLEMENTARY MEDIUM POWER DARLINGTON TRANSISTORS
More results

Similar Description - ZDT6705

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZDT6702 ZETEX-ZDT6702 Datasheet
103Kb / 7P
   COMPLEMENTARY MEDIUM POWER DARLINGTON TRANSISTORS
logo
Diodes Incorporated
ZDT6702 DIODES-ZDT6702_15 Datasheet
120Kb / 7P
   SM-8 COMPLEMENTARY MEDIUM POWER DARLINGTON TRANSISTORS
ZDT6702TA DIODES-ZDT6702TA Datasheet
125Kb / 7P
   SM-8 COMPLEMENTARY MEDIUM POWER DARLINGTON TRANSISTORS
ZDT6702 DIODES-ZDT6702 Datasheet
120Kb / 7P
   SM-8 COMPLEMENTARY MEDIUM POWER DARLINGTON TRANSISTORS
logo
Zilog, Inc.
ZDT6705TC ZILOG-ZDT6705TC Datasheet
38Kb / 3P
   SM-8 COMPLEMENTARY MEDIUM POWER DARLINGTON TRANSISTORS
logo
STMicroelectronics
MJD122-1 STMICROELECTRONICS-MJD122-1 Datasheet
91Kb / 8P
   COMPLEMENTARY POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
MJD112 ONSEMI-MJD112_06 Datasheet
101Kb / 8P
   Complementary Darlington Power Transistors
January, 2006 ??Rev. 7
NJVMJD112 ONSEMI-NJVMJD112 Datasheet
153Kb / 10P
   Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
logo
STMicroelectronics
TIP122FP STMICROELECTRONICS-TIP122FP_09 Datasheet
646Kb / 11P
   Complementary power Darlington transistors
logo
ON Semiconductor
MJE700 ONSEMI-MJE700 Datasheet
256Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY
1995 REV 3
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com