Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCB500 Datasheet(PDF) 1 Page - Yamar Electronics Ltd.

Part # DCB500
Description  Transceiver for Powerline Communication
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

DCB500 Datasheet(HTML) 1 Page - Yamar Electronics Ltd.

  DCB500 Datasheet HTML 1Page - Yamar Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
©2007 YAMAR Electronics Ltd.
17 Shimon Hatarsi St. Tel Aviv, 62492 Israel
Tel: +972-3-5445294 Fax: +972-3-5445279
Email:
marketing@yamar.com Web: www.yamar.com
PO-DCB500 Rev1.1
Description
The DCB500 is a transceiver for multiplex communication over noisy powerline in automotive and
avionics networks. The flexible protocol allows various applications such as transferring Data, Voice,
Compressed video (e.g. H.264) and music (e.g. MP3) between modules sharing a common DC
powerline at transfer rates up to 500Kbps.
The device is based on DC-BUS™ technology for multiplex network communication over noisy
powerline. It avoids complex cabling, saves weight, and simplifies installation. The device
communicates with its Host via Serial Peripheral Interface (SPI) or UART interface providing the user
the freedom to use his application-defined protocol.
Features
Benefits
• Communication over DC power lines
• Bit rates of 500Kbps and 300Kbps
• Built in Modem, Error Correction and
Synchronization
• Multiplex CSMA/CA mechanism
• UART and SPI interfaces with host
• Channel frequency selection
• Sleep mode for low power consumption
• Eliminates complex cabling
• Reduces weight and installation time
• Robust to car battery line noises
• Unlimited message length
• Suitable for Voice and video streaming
• Low cost CMOS Implementation
-
+
DC BATTERY CABLES
DCB500
M essage A
Control
Panel
ECU
Right Door
ECU
Battery
DCB500
DCB500
DCB500
Left Door
M essage B
M essage B
M essage A
Cam era
Figure 1.1 - System using DCB500
Characteristics
Packet data:
500Kbps
Modulation method:
DQPSK
Collision resolution:
Built in
Error correction codes:
Built in
Power save mode:
Built in
Packet size:
User defined
Interface:
UART or SPI
DCB500 - Transceiver for
Powerline Communication
Product Overview
HOST Interface
DC LINE Rx
RESET
XI
XO
SLEEP
DC LINE Tx
Passive
Filter
DC LINE


Similar Part No. - DCB500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DCB ETC-DCB Datasheet
66Kb / 2P
   DC/DC Converters
logo
Illinois Capacitor, Inc...
DCB ILLINOISCAPACITOR-DCB Datasheet
170Kb / 2P
   Small size - High voltage - General purpose
logo
Carlo Gavazzi Holding A...
DCB01 CARLOGAVAZZI-DCB01 Datasheet
112Kb / 3P
   Timers Asymmetrical Recycler
logo
Sanyo Semicon Device
DCB010 SANYO-DCB010 Datasheet
22Kb / 3P
   Very High-Speed Switching Diode
DCB010 SANYO-DCB010 Datasheet
49Kb / 3P
   Very High-Speed Switching Diode
More results

Similar Description - DCB500

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CPLC10 CYPRESS-CY8CPLC10 Datasheet
1Mb / 25P
   Powerline Communication Solution
CY8CPLC20 CYPRESS-CY8CPLC20 Datasheet
1Mb / 44P
   Powerline Communication Solution
CY8CPLC10 CYPRESS-CY8CPLC10_11 Datasheet
986Kb / 34P
   Powerline Communication Solution
CY8CPLC20 CYPRESS-CY8CPLC20_12 Datasheet
902Kb / 56P
   Powerline Communication Solution
CY8CLED16P01 CYPRESS-CY8CLED16P01 Datasheet
843Kb / 58P
   Powerline Communication Solution Integrated Powerline Modem PHY
logo
Yamar Electronics Ltd.
DCAN500 YAMAR-DCAN500 Datasheet
466Kb / 6P
   CAN over Powerline Communication
logo
Maxim Integrated Produc...
MAX2981 MAXIM-MAX2981 Datasheet
178Kb / 12P
   Integrated Powerline Communication Analog Front-End Transceiver and Line Driver
Rev 0; 7/09
logo
STMicroelectronics
ST2100 STMICROELECTRONICS-ST2100 Datasheet
524Kb / 39P
   Broadband powerline communication SoC optimized
logo
Yamar Electronics Ltd.
DCAN500 YAMAR-DCAN500_V01 Datasheet
3Mb / 30P
   CAN Over Powerline Transceiver
R 0.83
logo
Maxim Integrated Produc...
MAX20340 MAXIM-MAX20340 Datasheet
1Mb / 35P
   Bidirectional DC Powerline Communication Management IC
Rev 0; 11/19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com