Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFSL5.5MDB Datasheet(PDF) 7 Page - Yamar Electronics Ltd.

Part # SFSL5.5MDB
Description  for DC-LIN Asynchronous Communication Over Noisy Lines
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

SFSL5.5MDB Datasheet(HTML) 7 Page - Yamar Electronics Ltd.

Back Button SFSL5.5MDB Datasheet HTML 3Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 4Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 5Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 6Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 7Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 8Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 9Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 10Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 11Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Proprietary and Confidential Information of YAMAR Electronics Ltd.
@ 2007 Yamar Electronics Ltd.
7
DS-SIG40 R1.8
4
OPERATION
4.1
Message Construction
The host constructs a message from bytes of data sent to its UART. The device receives this data on
its HDI data-In line. The 1
st low input bit (start bit) starts the signaling transmission, and the 10th high bit
(stop bit) stops the transmission. If all bits, including the 10
th bit, are low, the transmission continues
until a bit becomes high, but no more than 31-bit duration. It is considered as the Synch_Break Field of
the LIN protocol. The stop bit stops the transmission unless a new byte is received from host. The total
byte length does not change. The data latency between transmitter and receiver is about four bits.
4.1.1
LIN Protocol Messages
In order to comply with the LIN protocol, transmission of two kinds of bytes are allowed:
1.
Bytes beginning with a start bit, followed by 8 bits and ending with a stop bit.
2.
Bytes beginning with a start bit followed by a number of zeros ranging from 9 to 30 bits and
ending with a stop bit.
4.1.2
Commanding the SIG40
Writing and reading to/from the internal Control registers (See 4.2) using write and read commands set
the device behavior.
The registers are set by power-up Reset to operate at 19.2KBps, F0 = 5.5Mhz and F1 = 6.5Mhz.
Writing into the registers allows changing the selectable frequencies, the bit rate, and the operating
frequency. It also allows activating the automatic sleep feature and the automatic response to received
bytes feature.
4.1.3
Transmit
Upon detection of a start bit in HDI, the SIG40 starts to transmit modulated signal to the DC line
according to the set-up channel frequency and bit rate.
Note: After transmission, it takes duration of 2 bits before the device starts to listen to the DC-line.
4.1.4
Receive
When not transmitting, the SIG40 listens to the DC line in order to:
Detect and decode a legal signaling pattern according to the setup channel and bit rate.
In Sleep mode, the device detects wakeup messages.
Detects Interference signals.
Note: After transmission, it takes duration of 2 bits before the device starts to listen to the DC-line.
4.2
Control Registers
4.2.1
Device operating parameters and statuses
The internal control registers shown in table 4.1 contain the device parameters and statuses:
Register 0
7
6
5
4
3
2
1
0
Interference
Sleep (“0”)
~F0/F1
Register 1
7
6
5
4
3
2
1
0
“1”
“1”
Bit rate
Select frequency (table 4.2)
Table 4.1 - Device Control Registers
Address Register Name
dir
bits
Description
Default
0[0]
F1/~F0
R/W
1 1 = F1, 0 = F0.
F0
0[1]
Remote loopback
R/W
1 Transmits back the last received byte
0
0[3:2]
For future use
00


Similar Part No. - SFSL5.5MDB

ManufacturerPart #DatasheetDescription
logo
Yamar Electronics Ltd.
SFSL5.5MDB YAMAR-SFSL5.5MDB Datasheet
169Kb / 12P
   Independent DC-LIN Slave For Asynchronous Communication Over Noisy Lines
SFSL5.5MDB YAMAR-SFSL5.5MDB Datasheet
555Kb / 14P
   UART over Powerline for AC/DC-BUS Network
SFSL5.5MDB YAMAR-SFSL5.5MDB Datasheet
594Kb / 15P
   Smart Slave for DC-BUS Powerline Network
More results

Similar Description - SFSL5.5MDB

ManufacturerPart #DatasheetDescription
logo
Yamar Electronics Ltd.
ISL40 YAMAR-ISL40 Datasheet
169Kb / 12P
   Independent DC-LIN Slave For Asynchronous Communication Over Noisy Lines
logo
EPCOS
B84299G0111 EPCOS-B84299G0111 Datasheet
123Kb / 4P
   Filters for Communication Lines
B84312C0020B003 EPCOS-B84312C0020B003 Datasheet
610Kb / 12P
   Filters for Communication Lines
B84312C0112E001 EPCOS-B84312C0112E001 Datasheet
456Kb / 8P
   Filters for Communication Lines
B84299G0126A EPCOS-B84299G0126A Datasheet
509Kb / 9P
   Filters for Communication Lines
logo
UMC Corporation
UM82C450 UMC-UM82C450 Datasheet
1Mb / 15P
   ASYNCHRONOUS COMMUNICATION ELEMENT
UM8250B UMC-UM8250B Datasheet
1Mb / 17P
   Asynchronous Communication Element(ACE)
UM82450 UMC-UM82450 Datasheet
1Mb / 16P
   Asynchronous Communication Element(ACE)
logo
List of Unclassifed Man...
UM68681 ETC1-UM68681 Datasheet
58Kb / 1P
   Asynchronous Communication Interface Adapter
S6551 ETC-S6551 Datasheet
1Mb / 8P
   ASYNCHRONOUS COMMUNICATION INTERFACE ADAPTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com