Electronic Components Datasheet Search |
|
ERJ6GEY0102C Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
ERJ6GEY0102C Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 5 page Thick Film Chip Resistors Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. E 1 R 2 J 3 3 4 G 5 E 6 Y 7 J 8 1 9 0 10 2 11 V 12 Thick Film Chip Resistors Product Code Size, Power Rating XGN : 01005 1GE : 0201 2GE : 0402 3GE : 0603 6GE : 0805 8GE : 1206 14 : 1210 12 : 1812 12Z : 2010 1T : 2512 0.031 W 0.05 W 0.1 W 0.1 W 0.125 W 0.25 W 0.5 W 0.75 W 0.75 W 1W Power R. Marking Code Y ✽Nil Marking Value Marking on black side No marking Resistance Tolerance Code J 0 Tolerance ±5% Jumper The first two digits are significant figures of resistance and the third one denotes number of zeros following. Decimal Point is expressed by R as 4.7 = 4R7. Jumper is expressed by R00. Resistance Value Packaging Methods Code Y C X V U Packaging Type Pressed Carrier Taping 2mm pitch, 20000 pcs. Pressed Carrier Taping 2mm pitch, 15000 pcs. Punched Carrier Taping 2mm pitch, 10000 pcs. Punched Carrier Taping 4mm pitch Embossed CarrierTaping 4mm pitch ERJXGN ERJ1GE ERJ2GE ERJ3GE ERJ6GE ERJ8GE ERJ14 ERJ12 ERJ12Z ERJ1T Type : inches Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512 Type: ERJ XG, 1G, 2G, 3G, 6G, 8G, 14, 12, 12Z, 1T ■ Features ● Small size and lightweight ● High reliability Metal glaze thick film resistive element and three layers of electrodes ● Compatible with placement machines Taping packaging available ● Suitable for both reflow and flow soldering ● Reference Standards IEC 60115-8, JIS C 5201-8, EIAJ RC-2134B ■ Explanation of Part Numbers ● ERJXGN, 1GE, 2GE, 3GE, 6GE, 8GE, 14, 12, 12Z, 1T Series, ±5 % type ✽ When omitted, the rest of the P/N factors shall be moved up respectively. (Only XGN, 1GN, 2GE type) Jul. 2008 |
Similar Part No. - ERJ6GEY0102C |
|
Similar Description - ERJ6GEY0102C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |