Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMCM-101 Datasheet(PDF) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMCM-101
Description  1-Axis Controller/Driver 3A/28.5V with Encoder Inf
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCM-101 Datasheet(HTML) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

  TMCM-101 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODULES
MODULES FOR STEPPER MOTORS
INFO
M A IN CH A R AC T ER IS T ICS
www.trinamic.com – for detailed information and datasheets
10 mm
10 mm
TMCM-
101
1-Axis
Controller / Driver
3A / 28.5V
with Encoder Inf.
The TMCM-101 is a single axis 2-phase stepper motor controller
and driver module. The built in encoder feedback makes it an
optimum solution for high-reliability drives. It provides a com-
plete motion control solution at a very small size for embed-
ded applications. The board can be connected to a baseboard
or customized electronics with a pin connector. The TMCM-101
comes with the PC based software development environment
TMCL-IDE for the Trinamic Motion Control Language (TMCL).
Using predefined TMCL high level commands like „move to
position“ or „constant rotation“ rapid and fast development of
motion control applications is guaranteed. The TMCM-101 can
be controlled via the serial UART interface (e.g. using a RS-232
or RS-485 level shifter) or via CAN. Communication traffic is kept
very low since all time critical operations, e.g. ramp calculation,
are performed on board. The TMCL program can be stored in
the on-board EEPROM for stand-alone operation. The firmware
of the module can be updated via the serial interface. With the
stallGuard™ feature it is possible to detect motor overload or
motor stall. The TMCM-101 is compatible to the TMCM-series of
credit card sized module, but has an increased height of 70 mm.
ELECTRICAL
DATA
up to 3A coil current RMS (4.2A peak)
7V to 28.5V motor supply voltage
5V DC logic supply voltage
SUPPORTED
MOTORS
two-phase bipolar motors
with 1A to 3A coil current
incremental encoder (2 or 3 channel)
INTERFACE
RS232, RS485
or CAN 2.0b host interface
inputs for reference and stop switches
general purpose analog and digital I/Os
FEATURES
64 times microstepping
memory for 2048 TMCL commands
automatic ramp generation in hardware
on the fly alteration of motion parameters
(e.g. position, velocity, acceleration)
closed loop for highly dependable drives
stallGuard™ for sensorless
motor stall detection
OTHER
68 pin connector carries all signals
RoHS compliant
size: 80x70 mm²
ORDER CODE
DESCRIPTION
TMCM-101 (-option)
1-axis controller / driver 3A, 28.5V
Related products:
BB-101
OPTIONS
H
Horizontal pin connector (standard)
V
Vertical pin connector (on request)
TMCM-101
UART
5V DC
7..28.5V DC
ABN
CAN
programmable
Motion
Controller
with TMC428
high power
Driver
TMC249
Encoder
Encoder
Interface
Step
Motor
RS-232
or
RS-485
TMCL
Memory
MOSFET
Driver
Stage
29


Similar Part No. - TMCM-101

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-100 TRINAMIC-TMCM-100 Datasheet
250Kb / 1P
   Standard Modules for Stepper Motors
TMCM-100 TRINAMIC-TMCM-100 Datasheet
474Kb / 1P
   Evaluation Base board for TMCM-100, TMCM-301, TMCM-302 or TMCM-303
TMCM-102 TRINAMIC-TMCM-102 Datasheet
324Kb / 1P
   1-Axis Controller/Driver 3.5A/48V with Encoder Inf
TMCM-102-IF TRINAMIC-TMCM-102-IF Datasheet
324Kb / 1P
   1-Axis Controller/Driver 3.5A/48V with Encoder Inf
TMCM-1021 TRINAMIC-TMCM-1021 Datasheet
805Kb / 22P
   MODULE FOR STEPPER MOTORS
More results

Similar Description - TMCM-101

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-103 TRINAMIC-TMCM-103 Datasheet
259Kb / 1P
   1-Axis Controller/Driver 2.0A/28.5V with Encoder Inf
TMCM-102 TRINAMIC-TMCM-102 Datasheet
324Kb / 1P
   1-Axis Controller/Driver 3.5A/48V with Encoder Inf
TMCM-171 TRINAMIC-TMCM-171 Datasheet
267Kb / 1P
   1-Axis BLDC Servo Controller/Driver 20A/48V with Encoder Inf
TMCM-170 TRINAMIC-TMCM-170 Datasheet
374Kb / 1P
   1-Axis Motor Mounted BLDCServo Controller/Driver with Encoder Inf 10A/48V
TMCM-111-42 TRINAMIC-TMCM-111-42 Datasheet
312Kb / 1P
   1-Axis Motor Mounted Controller/Driver 2.8A/28.5V
TMCM-611 TRINAMIC-TMCM-611 Datasheet
326Kb / 1P
   6-Axis Controller/Driver 1.1A/34V with Encoder Inf for 19??Rack
TMCM-142 TRINAMIC-TMCM-142 Datasheet
322Kb / 1P
   1-Axis Controller/Driver 5A/75V with Encoder Interface
TMC454 TRINAMIC-TMC454 Datasheet
189Kb / 1P
   Stepper Motor Controller with Integrated Sequencer and Encoder Inf.
TMCM-023 TRINAMIC-TMCM-023 Datasheet
468Kb / 1P
   3-Axis Step/Direction Driver 2A/28.5V
TMCM-160 TRINAMIC-TMCM-160 Datasheet
528Kb / 1P
   1-Axis BLDC Controller/Driver 5A/48V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com