Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVTN16245BDGG Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVTN16245BDGG
Description  3.3 V 16-bit transceiver; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTN16245BDGG Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVTN16245BDGG Datasheet HTML 1Page - NXP Semiconductors 74LVTN16245BDGG Datasheet HTML 2Page - NXP Semiconductors 74LVTN16245BDGG Datasheet HTML 3Page - NXP Semiconductors 74LVTN16245BDGG Datasheet HTML 4Page - NXP Semiconductors 74LVTN16245BDGG Datasheet HTML 5Page - NXP Semiconductors 74LVTN16245BDGG Datasheet HTML 6Page - NXP Semiconductors 74LVTN16245BDGG Datasheet HTML 7Page - NXP Semiconductors 74LVTN16245BDGG Datasheet HTML 8Page - NXP Semiconductors 74LVTN16245BDGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
74LVTN16245B_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 23 March 2010
4 of 17
NXP Semiconductors
74LVTN16245B
3.3 V 16-bit transceiver; 3-state
5.
Pinning information
5.1 Pinning
Fig 3.
Pin configuration SOT362-1 (TSSOP48)
74LVTN16245B
1DIR
1OE
1B0
1A0
1B1
1A1
GND
GND
1B2
1A2
1B3
1A3
VCC
VCC
1B4
1A4
1B5
1A5
GND
GND
1B6
1A6
1B7
1A7
2B0
2A0
2B1
2A1
GND
GND
2B2
2A2
2B3
2A3
VCC
VCC
2B4
2A4
2B5
2A5
GND
GND
2B6
2A6
2B7
2A7
2DIR
2OE
001aak307
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25


Similar Part No. - 74LVTN16245BDGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTN16245BDGG NXP-74LVTN16245BDGG Datasheet
101Kb / 16P
   3.3 V 16-bit transceiver; 3-state
Rev. 01-29 July 2009
74LVTN16245BDGG NXP-74LVTN16245BDGG Datasheet
160Kb / 17P
   3.3 V 16-bit transceiver; 3-state Output capability: 64 mA and ??2 mA
Rev. 3-15 June 2011
logo
Nexperia B.V. All right...
74LVTN16245BDGG NEXPERIA-74LVTN16245BDGG Datasheet
212Kb / 13P
   3.3 V 16-bit transceiver; 3-state
Rev. 6 - 30 October 2018
More results

Similar Description - 74LVTN16245BDGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTN16245B PHILIPS-74LVTN16245B_15 Datasheet
221Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 5-5 April 2012
74LVT_LVTH16245B PHILIPS-74LVT_LVTH16245B_15 Datasheet
261Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 10-1 March 2012
74LVTN16245B NXP-74LVTN16245B Datasheet
101Kb / 16P
   3.3 V 16-bit transceiver; 3-state
Rev. 01-29 July 2009
logo
Nexperia B.V. All right...
74LVTN16245B NEXPERIA-74LVTN16245B Datasheet
212Kb / 13P
   3.3 V 16-bit transceiver; 3-state
Rev. 6 - 30 October 2018
74LVTH16245B NEXPERIA-74LVTH16245B Datasheet
227Kb / 12P
   3.3 V 16-bit transceiver; 3-state
Rev. 12 - 12 August 2021
logo
NXP Semiconductors
74LVT16245B NXP-74LVT16245B Datasheet
182Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 07-29 March 2010
logo
Nexperia B.V. All right...
74LVT16543A NEXPERIA-74LVT16543A Datasheet
243Kb / 15P
   3.3 V 16-bit registered transceiver; 3-state
Rev. 4 - 1 April 2021
logo
NXP Semiconductors
74LVT16646A PHILIPS-74LVT16646A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16646A NEXPERIA-74LVT16646A Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
logo
NXP Semiconductors
74LVT16652A PHILIPS-74LVT16652A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver/register; 3-state
Rev. 03-12 January 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com