Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVCH16374ADGG Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVCH16374ADGG
Description  16-bit edge-triggered D-type flip-flop with 5 V tolerant inputs/outputs; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVCH16374ADGG Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVCH16374ADGG Datasheet HTML 1Page - NXP Semiconductors 74LVCH16374ADGG Datasheet HTML 2Page - NXP Semiconductors 74LVCH16374ADGG Datasheet HTML 3Page - NXP Semiconductors 74LVCH16374ADGG Datasheet HTML 4Page - NXP Semiconductors 74LVCH16374ADGG Datasheet HTML 5Page - NXP Semiconductors 74LVCH16374ADGG Datasheet HTML 6Page - NXP Semiconductors 74LVCH16374ADGG Datasheet HTML 7Page - NXP Semiconductors 74LVCH16374ADGG Datasheet HTML 8Page - NXP Semiconductors 74LVCH16374ADGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
74LVC_LVCH16374A_7
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 23 March 2010
2 of 19
NXP Semiconductors
74LVC16374A; 74LVCH16374A
16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature
range
Name
Description
Version
74LVC16374ADL
−40 °Cto +125 °C
SSOP48
plastic shrink small outline package; 48 leads;
body width 7.5 mm
SOT370-1
74LVCH16374ADL
74LVC16374ADGG
−40 °Cto +125 °C
TSSOP48
plastic thin shrink small outline package;
48 leads; body width 6.1 mm
SOT362-1
74LVCH16374ADGG
74LVC16374ABQ
−40 °Cto +125 °C
HXQFN60U plastic thermal enhanced extremely thin quad flat
package; no leads; 60 terminals; UTLP based;
body 4 x 6 x 0.5 mm
SOT1134-1
74LVCH16374ABQ
Pin numbers are shown for SSOP48 and TSSOP48
packages only.
Pin numbers are shown for SSOP48 and TSSOP48
packages only.
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
001aaa253
1Q0
1Q1
1CP
2CP
1Q2
1Q3
1Q4
1Q5
1Q6
1Q7
1OE
47
46
48
25
44
43
41
40
38
37
2
3
1
5
6
8
9
11
12
24
2Q0
2Q1
2Q2
2Q3
2Q4
2Q5
2Q6
2Q7
1D0
1D1
1D2
1D3
1D4
1D5
1D6
1D7
2D0
2D1
2D2
2D3
2D4
2D5
2D6
2D7
36
35
33
32
30
29
27
26
13
14
16
17
19
20
22
23
2OE
23
001aaa254
37
12
11
9
8
6
5
47
46
44
43
41
40
38
1D7
1D0
1D1
1D2
1D3
1D4
1D5
1D6
2
3
1Q7
1Q6
1Q5
1Q4
1Q3
1Q2
1Q0
1Q1
26
22
20
19
17
16
36
35
33
32
30
29
27
2D5
2D0
2D1
2D2
2D3
2D4
13
14
2Q5
2Q4
2Q3
2Q2
2Q1
2Q0
24
25
EN2
1OE
1
EN1
1CP
2OE
2CP
48
C3
C4
3D
1
4D
2D7
2D6
2Q7
2Q6
2


Similar Part No. - 74LVCH16374ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVCH16374ADGG PHILIPS-74LVCH16374ADGG Datasheet
82Kb / 10P
   16-bit edge triggered D-type flip-flop with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
logo
Nexperia B.V. All right...
74LVCH16374ADGG NEXPERIA-74LVCH16374ADGG Datasheet
242Kb / 13P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
Rev. 13 - 27 September 2021
74LVCH16374ADGG-Q100 NEXPERIA-74LVCH16374ADGG-Q100 Datasheet
230Kb / 14P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
logo
Texas Instruments
74LVCH16374ADGGG4 TI1-74LVCH16374ADGGG4 Datasheet
918Kb / 24P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
74LVCH16374ADGGRG4 TI-74LVCH16374ADGGRG4 Datasheet
333Kb / 15P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results

Similar Description - 74LVCH16374ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC16374A PHILIPS-74LVC16374A Datasheet
82Kb / 10P
   16-bit edge triggered D-type flip-flop with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
74LVCH32374A PHILIPS-74LVCH32374A Datasheet
77Kb / 16P
   32-bit edge-triggered D-type flip-flop with 5 V tolerant inputs/outputs; 3-state
1999 Nov 24
logo
Nexperia B.V. All right...
74LVC16374A-Q100 NEXPERIA-74LVC16374A-Q100 Datasheet
230Kb / 14P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
74LVC16374A NEXPERIA-74LVC16374A Datasheet
242Kb / 13P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
Rev. 13 - 27 September 2021
logo
Texas Instruments
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AVC16374 TI-SN74AVC16374_06 Datasheet
369Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI1-SN74LVCH16374A_14 Datasheet
918Kb / 24P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
SN74AUC16374 TI-SN74AUC16374 Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI-SN74LVCH16374A_07 Datasheet
392Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com