Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

319 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 319
Description  SINGLE PHASE DC MOTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

319 Datasheet(HTML) 5 Page - Unisonic Technologies

  319 Datasheet HTML 1Page - Unisonic Technologies 319 Datasheet HTML 2Page - Unisonic Technologies 319 Datasheet HTML 3Page - Unisonic Technologies 319 Datasheet HTML 4Page - Unisonic Technologies 319 Datasheet HTML 5Page - Unisonic Technologies 319 Datasheet HTML 6Page - Unisonic Technologies 319 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
319
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R101-031.a
APPLICATION CIRCUIT
The Example of Typical Application Circuit
A typical application circuit is shown as follows. The red, yellow, and black wires are the input points of the
motor system: Red--the input of power supply; Yellow--the output of FG; Black--the ground signal. RC is an external
pull-up resistance for the use of measuring FG signal.
The value of RC can be calculated by the transistor saturation voltage (VON), sink current (IC), and off-level
voltage (VC).
C
ON
C
C
I
V
V
R
=
For example:
VC=+5V for TTL level; IC= 10mA at 0.2V saturation voltage; The safety value of RC=470Ω
There is a reverse protection diode D1 in the circuit. As if the red and black wires reversely connect with the
power source, the current flows through the ground via IC and coils L1 and L2 to power supply. Under such kind of
circumstances the IC and coils are easy to be burned out. From that, this reverse protection diode is necessary in
the design. Meanwhile, an extra voltage drop on the supply voltage should be taken into consideration, which is
caused by the reverse protection diode.
The capacitor C1 is designed to reduce the ripple noise during the transient of the output stages, and its value
is determined by the coil impedance and characteristics.
R wire
B wire
+VC
RC
Y wire
VCC
C1
NO
SO
319
GND
D1
L1


Similar Part No. - 319

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
319 MILL-MAX-319 Datasheet
227Kb / 1P
   SPRING-LOADED CONNECTORS 2,54 Grid Target Connectors for Spring-Loaded Assemblies Single Row
logo
Fluke Corporation
319 FLUKE-319 Datasheet
1Mb / 22P
   Clamp Meter
logo
Glenair, Inc.
319-064 GLENAIR-319-064 Datasheet
200Kb / 2P
   Composite Self-Locking Rotatable Coupling
319-065 GLENAIR-319-065 Datasheet
255Kb / 2P
   Composite Self-Locking Rotatable Coupling
logo
Mill-Max Mfg. Corp.
319-10-101-00-001000 MILL-MAX-319-10-101-00-001000 Datasheet
227Kb / 1P
   SPRING-LOADED CONNECTORS 2,54 Grid Target Connectors for Spring-Loaded Assemblies Single Row
More results

Similar Description - 319

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK6908 UTC-SK6908_15 Datasheet
137Kb / 6P
   SINGLE-PHASE DC-FAN MOTOR DRIVER
SK6908 UTC-SK6908 Datasheet
255Kb / 6P
   SINGLE-PHASE DC-FAN MOTOR DRIVER
UH477 UTC-UH477_17 Datasheet
141Kb / 6P
   SINGLE PHASE DC MOTOR DRIVE IC
logo
Feeling Technology Corp...
FS310 FEELING-FS310 Datasheet
122Kb / 13P
   SINGLE PHASE DC MOTOR DRIVE IC
logo
Unisonic Technologies
319 UTC-319_11 Datasheet
156Kb / 7P
   SINGLE PHASE DC MOTOR DRIVE IC
UH477 UTC-UH477 Datasheet
155Kb / 6P
   SINGLE PHASE DC MOTOR DRIVE IC
logo
Feeling Technology Corp...
FS319 FEELING-FS319 Datasheet
125Kb / 13P
   SINGLE PHASE DC MOTOR DRIVE IC
logo
Unisonic Technologies
SK6908 UTC-SK6908_07 Datasheet
137Kb / 6P
   SINGLE-PHASE DC-FAN MOTOR DRIVER
319 UTC-319_15 Datasheet
203Kb / 7P
   SINGLE PHASE DC MOTOR DRIVE IC
UH477 UTC-UH477_15 Datasheet
171Kb / 6P
   SINGLE PHASE DC MOTOR DRIVE IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com