Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC3G17GD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC3G17GD
Description  Triple non-inverting Schmitt trigger with 5 V tolerant input
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC3G17GD Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC3G17GD Datasheet HTML 1Page - NXP Semiconductors 74LVC3G17GD Datasheet HTML 2Page - NXP Semiconductors 74LVC3G17GD Datasheet HTML 3Page - NXP Semiconductors 74LVC3G17GD Datasheet HTML 4Page - NXP Semiconductors 74LVC3G17GD Datasheet HTML 5Page - NXP Semiconductors 74LVC3G17GD Datasheet HTML 6Page - NXP Semiconductors 74LVC3G17GD Datasheet HTML 7Page - NXP Semiconductors 74LVC3G17GD Datasheet HTML 8Page - NXP Semiconductors 74LVC3G17GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
74LVC3G17_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 6 June 2008
4 of 18
NXP Semiconductors
74LVC3G17
Triple non-inverting Schmitt trigger with 5 V tolerant input
7.2 Pin description
8.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level.
9.
Limiting values
[1]
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
When VCC = 0 V (Power-down mode), the output voltage can be 5.5 V in normal operation.
[3]
For TSSOP8 package: above 55
°C the value of Ptot derates linearly with 2.5 mW/K.
For VSSOP8 package: above 110
°C the value of Ptot derates linearly with 8 mW/K.
For XSON8, XSON8U and XQFN8U packages: above 45
°C the value of Ptot derates linearly with 2.4 mW/K.
Table 3.
Pin description
Symbol
Pin
Description
SOT505-2, SOT765-1,
SOT833-1 and SOT996-2
SOT902-1
1A, 2A, 3A
1, 3, 6
7, 5, 2
data input
GND
4
4
ground (0 V)
1Y, 2Y, 3Y
7, 5, 2
1, 3, 6
data output
VCC
8
8
supply voltage
Table 4.
Function table[1]
Input
Output
nA
nY
LL
HH
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+6.5
V
IIK
input clamping current
VI <0V
−50
-
mA
VI
input voltage
[1]
−0.5
+6.5
V
IOK
output clamping current
VO > VCC or VO < 0 V
-
±50
mA
VO
output voltage
Active mode
[1]
−0.5
VCC + 0.5
V
Power-down mode
[1][2]
−0.5
+6.5
V
IO
output current
VO =0Vto VCC
-
±50
mA
ICC
supply current
-
100
mA
IGND
ground current
−100
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[3] -
250
mW


Similar Part No. - 74LVC3G17GD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC3G17GF NEXPERIA-74LVC3G17GF Datasheet
278Kb / 17P
   Triple non-inverting Schmitt trigger with 5 V tolerant input
Rev. 14 - 26 August 2021
74LVC3G17GN NEXPERIA-74LVC3G17GN Datasheet
278Kb / 17P
   Triple non-inverting Schmitt trigger with 5 V tolerant input
Rev. 14 - 26 August 2021
74LVC3G17GS NEXPERIA-74LVC3G17GS Datasheet
278Kb / 17P
   Triple non-inverting Schmitt trigger with 5 V tolerant input
Rev. 14 - 26 August 2021
logo
NXP Semiconductors
74LVC3G17GT PHILIPS-74LVC3G17GT Datasheet
91Kb / 16P
   Triple non-inverting Schmitt trigger with 5 V tolerant input
Rev. 03-31 January 2005
logo
Nexperia B.V. All right...
74LVC3G17GT NEXPERIA-74LVC3G17GT Datasheet
278Kb / 17P
   Triple non-inverting Schmitt trigger with 5 V tolerant input
Rev. 14 - 26 August 2021
More results

Similar Description - 74LVC3G17GD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G17 PHILIPS-74LVC3G17 Datasheet
91Kb / 16P
   Triple non-inverting Schmitt trigger with 5 V tolerant input
Rev. 03-31 January 2005
logo
Nexperia B.V. All right...
74LVC3G17 NEXPERIA-74LVC3G17 Datasheet
278Kb / 17P
   Triple non-inverting Schmitt trigger with 5 V tolerant input
Rev. 14 - 26 August 2021
74LVC3G17-Q100 NEXPERIA-74LVC3G17-Q100 Datasheet
219Kb / 12P
   Triple non-inverting Schmitt trigger with 5 V tolerant input
logo
NXP Semiconductors
74LVC3G14 NXP-74LVC3G14_08 Datasheet
113Kb / 18P
   Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 07-12 June 2008
74LVC3G14 NXP-74LVC3G14 Datasheet
99Kb / 17P
   Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 05-5 October 2007
logo
Nexperia B.V. All right...
74LVC3G14 NEXPERIA-74LVC3G14 Datasheet
277Kb / 18P
   Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 16 - 31 July 2019
logo
NXP Semiconductors
74LVC3G14 PHILIPS-74LVC3G14 Datasheet
91Kb / 17P
   Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 03-31 January 2005
74LVC2G17GW-G NXP-74LVC2G17GW-G Datasheet
205Kb / 19P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 8-2 May 2013
logo
Nexperia B.V. All right...
74LVC2G17 NEXPERIA-74LVC2G17 Datasheet
258Kb / 17P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 11 - 24 January 2022
74LVC2G17-Q100 NEXPERIA-74LVC2G17-Q100 Datasheet
225Kb / 13P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 5 - 24 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com