Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC3G34DP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC3G34DP
Description  Triple buffer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC3G34DP Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC3G34DP Datasheet HTML 1Page - NXP Semiconductors 74LVC3G34DP Datasheet HTML 2Page - NXP Semiconductors 74LVC3G34DP Datasheet HTML 3Page - NXP Semiconductors 74LVC3G34DP Datasheet HTML 4Page - NXP Semiconductors 74LVC3G34DP Datasheet HTML 5Page - NXP Semiconductors 74LVC3G34DP Datasheet HTML 6Page - NXP Semiconductors 74LVC3G34DP Datasheet HTML 7Page - NXP Semiconductors 74LVC3G34DP Datasheet HTML 8Page - NXP Semiconductors 74LVC3G34DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
74LVC3G34_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 9 May 2008
4 of 16
NXP Semiconductors
74LVC3G34
Triple buffer
7.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level.
8.
Limiting values
[1]
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
When VCC = 0 V (Power-down mode), the output voltage can be 5.5 V in normal operation.
[3]
For TSSOP8 package: above 55
°C the value of P
tot derates linearly with 2.5 mW/K.
For VSSOP8 package: above 110
°C the value of P
tot derates linearly with 8 mW/K.
For XSON8, XSON8U and XQFN8U packages: above 45
°C the value of P
tot derates linearly with 2.4 mW/K.
9.
Recommended operating conditions
Table 4.
Function table[1]
Input nA
Output nY
LL
HH
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+6.5
V
IIK
input clamping current
VI < 0 V
−50
-
mA
VI
input voltage
[1]
−0.5
+6.5
V
IOK
output clamping current
VO > VCC or VO < 0 V
-
±50
mA
VO
output voltage
Active mode
[1]
−0.5
VCC + 0.5
V
Power-down mode
[1][2]
−0.5
+6.5
V
IO
output current
VO = 0 V to VCC
-
±50
mA
ICC
supply current
-
100
mA
IGND
ground current
−100
-
mA
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[3] -
250
mW
Tstg
storage temperature
−65
+150
°C
Table 6.
Operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
1.65
5.5
V
VI
input voltage
0
5.5
V
VO
output voltage
Active mode
0
VCC
V
Power-down mode; VCC = 0 V
0
5.5
V
Tamb
ambient temperature
−40
+125
°C
∆t/∆V
input transition rise and fall rate
VCC = 1.65 V to 2.7 V
-
20
ns/V
VCC = 2.7 V to 5.5 V
-
10
ns/V


Similar Part No. - 74LVC3G34DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G34DP PHILIPS-74LVC3G34DP Datasheet
79Kb / 14P
   Triple buffer gate
Rev. 03-31 January 2005
74LVC3G34DP NXP-74LVC3G34DP Datasheet
87Kb / 14P
   Triple buffer
Rev. 05-5 October 2007
logo
Nexperia B.V. All right...
74LVC3G34DP NEXPERIA-74LVC3G34DP Datasheet
258Kb / 16P
   Triple buffer
Rev. 14 - 25 August 2021
74LVC3G34DP-Q100 NEXPERIA-74LVC3G34DP-Q100 Datasheet
200Kb / 11P
   Triple buffer
More results

Similar Description - 74LVC3G34DP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL37WZ16 ONSEMI-NL37WZ16_14 Datasheet
69Kb / 5P
   Triple Buffer
July, 2014 ??Rev. 8
NL37WZ16 ONSEMI-NL37WZ16 Datasheet
89Kb / 8P
   Triple Buffer
November, 2003 ??Rev. 2
NL37WZ16 ONSEMI-NL37WZ16_12 Datasheet
105Kb / 5P
   Triple Buffer
April, 2012 ??Rev. 7
logo
STMicroelectronics
74V2G70 STMICROELECTRONICS-74V2G70 Datasheet
129Kb / 8P
   TRIPLE BUFFER
June 2003
74V2T70 STMICROELECTRONICS-74V2T70 Datasheet
124Kb / 7P
   TRIPLE BUFFER
logo
ON Semiconductor
NL37WZ16 ONSEMI-NL37WZ16_06 Datasheet
69Kb / 5P
   Triple Buffer
April, 2006 ??Rev. 4
logo
Nexperia B.V. All right...
74LVC3G34-Q100 NEXPERIA-74LVC3G34-Q100 Datasheet
200Kb / 11P
   Triple buffer
logo
NXP Semiconductors
74LVC3G34 NXP-74LVC3G34 Datasheet
87Kb / 14P
   Triple buffer
Rev. 05-5 October 2007
logo
Nexperia B.V. All right...
74LVC3G16 NEXPERIA-74LVC3G16 Datasheet
762Kb / 15P
   Triple buffer
74LVC3G34 NEXPERIA-74LVC3G34 Datasheet
258Kb / 16P
   Triple buffer
Rev. 14 - 25 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com