Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC3G17DP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC3G17DP
Description  Triple non-inverting Schmitt trigger with 5 V tolerant input
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC3G17DP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC3G17DP Datasheet HTML 4Page - NXP Semiconductors 74LVC3G17DP Datasheet HTML 5Page - NXP Semiconductors 74LVC3G17DP Datasheet HTML 6Page - NXP Semiconductors 74LVC3G17DP Datasheet HTML 7Page - NXP Semiconductors 74LVC3G17DP Datasheet HTML 8Page - NXP Semiconductors 74LVC3G17DP Datasheet HTML 9Page - NXP Semiconductors 74LVC3G17DP Datasheet HTML 10Page - NXP Semiconductors 74LVC3G17DP Datasheet HTML 11Page - NXP Semiconductors 74LVC3G17DP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
74LVC3G17_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 6 June 2008
8 of 18
NXP Semiconductors
74LVC3G17
Triple non-inverting Schmitt trigger with 5 V tolerant input
Test data is given in Table 10.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 9.
Load circuitry for switching times
VEXT
VCC
VI
VO
mna616
DUT
CL
RT
RL
RL
G
Table 10.
Test data
Supply voltage
Input
Load
VEXT
VCC
VI
tr, tf
CL
RL
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
1.65 V to 1.95 V
VCC
≤ 2.0 ns
30 pF
1 k
open
GND
2
× VCC
2.3 V to 2.7 V
VCC
≤ 2.0 ns
30 pF
500
open
GND
2
× VCC
2.7 V
2.7 V
≤ 2.5 ns
50 pF
500
open
GND
6 V
3.0 V to 3.6 V
2.7 V
≤ 2.5 ns
50 pF
500
open
GND
6 V
4.5 V to 5.5 V
VCC
≤ 2.5 ns
50 pF
500
open
GND
2
× VCC


Similar Part No. - 74LVC3G17DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G17DP PHILIPS-74LVC3G17DP Datasheet
91Kb / 16P
   Triple non-inverting Schmitt trigger with 5 V tolerant input
Rev. 03-31 January 2005
logo
Nexperia B.V. All right...
74LVC3G17DP NEXPERIA-74LVC3G17DP Datasheet
278Kb / 17P
   Triple non-inverting Schmitt trigger with 5 V tolerant input
Rev. 14 - 26 August 2021
74LVC3G17DP-Q100 NEXPERIA-74LVC3G17DP-Q100 Datasheet
219Kb / 12P
   Triple non-inverting Schmitt trigger with 5 V tolerant input
More results

Similar Description - 74LVC3G17DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G17 PHILIPS-74LVC3G17 Datasheet
91Kb / 16P
   Triple non-inverting Schmitt trigger with 5 V tolerant input
Rev. 03-31 January 2005
logo
Nexperia B.V. All right...
74LVC3G17 NEXPERIA-74LVC3G17 Datasheet
278Kb / 17P
   Triple non-inverting Schmitt trigger with 5 V tolerant input
Rev. 14 - 26 August 2021
74LVC3G17-Q100 NEXPERIA-74LVC3G17-Q100 Datasheet
219Kb / 12P
   Triple non-inverting Schmitt trigger with 5 V tolerant input
logo
NXP Semiconductors
74LVC3G14 NXP-74LVC3G14_08 Datasheet
113Kb / 18P
   Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 07-12 June 2008
74LVC3G14 NXP-74LVC3G14 Datasheet
99Kb / 17P
   Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 05-5 October 2007
logo
Nexperia B.V. All right...
74LVC3G14 NEXPERIA-74LVC3G14 Datasheet
277Kb / 18P
   Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 16 - 31 July 2019
logo
NXP Semiconductors
74LVC3G14 PHILIPS-74LVC3G14 Datasheet
91Kb / 17P
   Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 03-31 January 2005
74LVC2G17GW-G NXP-74LVC2G17GW-G Datasheet
205Kb / 19P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 8-2 May 2013
logo
Nexperia B.V. All right...
74LVC2G17 NEXPERIA-74LVC2G17 Datasheet
258Kb / 17P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 11 - 24 January 2022
74LVC2G17-Q100 NEXPERIA-74LVC2G17-Q100 Datasheet
225Kb / 13P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 5 - 24 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com