Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC3G14DP Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVC3G14DP
Description  Triple inverting Schmitt trigger with 5 V tolerant input
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC3G14DP Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC3G14DP Datasheet HTML 6Page - NXP Semiconductors 74LVC3G14DP Datasheet HTML 7Page - NXP Semiconductors 74LVC3G14DP Datasheet HTML 8Page - NXP Semiconductors 74LVC3G14DP Datasheet HTML 9Page - NXP Semiconductors 74LVC3G14DP Datasheet HTML 10Page - NXP Semiconductors 74LVC3G14DP Datasheet HTML 11Page - NXP Semiconductors 74LVC3G14DP Datasheet HTML 12Page - NXP Semiconductors 74LVC3G14DP Datasheet HTML 13Page - NXP Semiconductors 74LVC3G14DP Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
74LVC3G14_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 12 June 2008
10 of 18
NXP Semiconductors
74LVC3G14
Triple inverting Schmitt trigger with 5 V tolerant input
Linear change of VI between 0.8 V to 2.0 V. All values given are typical unless otherwise specified.
(1) Positive-going edge.
(2) Negative-going edge.
Fig 13.
∆ICC(AV) as a function of VCC
23
4
6
50
0
40
5
30
20
10
mnb086
∆ICC(AV)
(mA)
VCC (V)
(1)
(2)
Fig 14. Relaxation oscillator
mna035
R
C
f
1
T
---
1
0.8
RC
×
----------------------
=


Similar Part No. - 74LVC3G14DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G14DP PHILIPS-74LVC3G14DP Datasheet
91Kb / 17P
   Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 03-31 January 2005
74LVC3G14DP NXP-74LVC3G14DP Datasheet
99Kb / 17P
   Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 05-5 October 2007
logo
Nexperia B.V. All right...
74LVC3G14DP NEXPERIA-74LVC3G14DP Datasheet
277Kb / 18P
   Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 16 - 31 July 2019
More results

Similar Description - 74LVC3G14DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G14 NXP-74LVC3G14 Datasheet
99Kb / 17P
   Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 05-5 October 2007
logo
Nexperia B.V. All right...
74LVC3G14 NEXPERIA-74LVC3G14 Datasheet
277Kb / 18P
   Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 16 - 31 July 2019
logo
NXP Semiconductors
74LVC3G14 PHILIPS-74LVC3G14 Datasheet
91Kb / 17P
   Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 03-31 January 2005
74LVC3G17 NXP-74LVC3G17 Datasheet
109Kb / 18P
   Triple non-inverting Schmitt trigger with 5 V tolerant input
Rev. 06-6 June 2008
74LVC3G17 PHILIPS-74LVC3G17 Datasheet
91Kb / 16P
   Triple non-inverting Schmitt trigger with 5 V tolerant input
Rev. 03-31 January 2005
logo
Nexperia B.V. All right...
74LVC3G17 NEXPERIA-74LVC3G17 Datasheet
278Kb / 17P
   Triple non-inverting Schmitt trigger with 5 V tolerant input
Rev. 14 - 26 August 2021
74LVC3G17-Q100 NEXPERIA-74LVC3G17-Q100 Datasheet
219Kb / 12P
   Triple non-inverting Schmitt trigger with 5 V tolerant input
logo
NXP Semiconductors
74LVC14APW NXP-74LVC14APW Datasheet
137Kb / 18P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
74LVC2G14 PHILIPS-74LVC2G14 Datasheet
97Kb / 17P
   Dual inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
logo
Nexperia B.V. All right...
74LVC14A NEXPERIA-74LVC14A Datasheet
273Kb / 16P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 9 - 20 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com