Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC3G07GT Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC3G07GT
Description  Triple buffer with open-drain output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC3G07GT Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC3G07GT Datasheet HTML 4Page - NXP Semiconductors 74LVC3G07GT Datasheet HTML 5Page - NXP Semiconductors 74LVC3G07GT Datasheet HTML 6Page - NXP Semiconductors 74LVC3G07GT Datasheet HTML 7Page - NXP Semiconductors 74LVC3G07GT Datasheet HTML 8Page - NXP Semiconductors 74LVC3G07GT Datasheet HTML 9Page - NXP Semiconductors 74LVC3G07GT Datasheet HTML 10Page - NXP Semiconductors 74LVC3G07GT Datasheet HTML 11Page - NXP Semiconductors 74LVC3G07GT Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
74LVC3G07_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 16 June 2008
8 of 16
NXP Semiconductors
74LVC3G07
Triple buffer with open-drain output
Table 9.
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
VX
1.65 V to 1.95 V
0.5
× V
CC
0.5
× V
CC
VOL + 0.15 V
2.3 V to 2.7 V
0.5
× VCC
0.5
× V
CC
VOL + 0.15 V
2.7 V
1.5 V
1.5 V
VOL + 0.3 V
3.0 V to 3.6 V
1.5 V
1.5 V
VOL + 0.3 V
4.5 V to 5.5 V
0.5
× VCC
0.5
× V
CC
VOL + 0.3 V
Test data is given in Table 10.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 9.
Load circuit for measuring switching times
VEXT
VCC
VI
VO
mna616
DUT
CL
RT
RL
RL
G
Table 10.
Test data
Supply voltage
Input
Load
VEXT
VCC
VI
tr = tf
CL
RL
tPZL, tPLZ
1.65 V to 1.95 V
VCC
≤ 2.0 ns
30 pF
1 k
2
× VCC
2.3 V to 2.7 V
VCC
≤ 2.0 ns
30 pF
500
2
× VCC
2.7 V
2.7 V
≤ 2.5 ns
50 pF
500
6 V
3.0 V to 3.6 V
2.7 V
≤ 2.5 ns
50 pF
500
6 V
4.5 V to 5.5 V
VCC
≤ 2.5 ns
50 pF
500
2
× VCC


Similar Part No. - 74LVC3G07GT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G07GT PHILIPS-74LVC3G07GT Datasheet
78Kb / 14P
   Triple buffer with open-drain output
Rev. 03-01 February 2005
logo
Nexperia B.V. All right...
74LVC3G07GT NEXPERIA-74LVC3G07GT Datasheet
256Kb / 16P
   Triple buffer with open-drain output
Rev. 14 - 28 January 2021
More results

Similar Description - 74LVC3G07GT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G07 PHILIPS-74LVC3G07 Datasheet
78Kb / 14P
   Triple buffer with open-drain output
Rev. 03-01 February 2005
logo
Nexperia B.V. All right...
74LVC3G07-Q100 NEXPERIA-74LVC3G07-Q100 Datasheet
202Kb / 11P
   Triple buffer with open-drain output
logo
NXP Semiconductors
74LVC3G07GS NXP-74LVC3G07GS Datasheet
284Kb / 21P
   Triple buffer with open-drain output
Rev. 11-9 April 2013
logo
Nexperia B.V. All right...
74LVC3G07 NEXPERIA-74LVC3G07 Datasheet
256Kb / 16P
   Triple buffer with open-drain output
Rev. 14 - 28 January 2021
logo
NXP Semiconductors
74AUP3G07 PHILIPS-74AUP3G07_15 Datasheet
221Kb / 21P
   Low-power triple buffer with open-drain output
Rev. 1-8 June 2015
logo
Nexperia B.V. All right...
74AUP3G07 NEXPERIA-74AUP3G07 Datasheet
792Kb / 18P
   Low-power triple buffer with open-drain output
logo
STMicroelectronics
74V2G07 STMICROELECTRONICS-74V2G07 Datasheet
199Kb / 9P
   TRIPLE BUFFER (OPEN DRAIN)
November 2001
logo
ON Semiconductor
NL37WZ07 ONSEMI-NL37WZ07_V01 Datasheet
158Kb / 11P
   Triple Buffer with Open Drain Outputs
March, 2022 - Rev. 10
logo
Diodes Incorporated
74LVC3G07 DIODES-74LVC3G07 Datasheet
545Kb / 8P
   TRIPLE BUFFER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 2 - 2
logo
Nexperia B.V. All right...
74HCT3G07 NEXPERIA-74HCT3G07 Datasheet
209Kb / 12P
   Triple buffer with open-drain outputs
Rev. 5 - 24 January 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com