Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1450A Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # ENA1450A
Description  Two-channel H-Bridge Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1450A Datasheet(HTML) 2 Page - Sanyo Semicon Device

  ENA1450A Datasheet HTML 1Page - Sanyo Semicon Device ENA1450A Datasheet HTML 2Page - Sanyo Semicon Device ENA1450A Datasheet HTML 3Page - Sanyo Semicon Device ENA1450A Datasheet HTML 4Page - Sanyo Semicon Device ENA1450A Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LB1973M
Electrical Characteristics at Ta = 25°C, VCC = 1.9V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
ICCO1
VCC = 1.9V,IN1 to IN4 = 0V
0.01
1
μA
ICCO2
VCC = 3V,IN1 to IN4 = 0V
0.01
1
μA
ICC1
IN1 = 1.9V,IN2 to IN4 = 0V
18
25
mA
Source current
ICC2
IN1 = 3V,IN2 to IN4 = 0V,VCC = 3V
19
26
mA
VOUT11
IOUT = 270mA,VCC = 1.9V to 3.6V,VOUT =
Upper Tr and Under Tr
IN1 = 1.3V,IN2 to IN4 = 0V
Supplementation: Standard similar as for IN2
to IN4 = 1.3V
0.2
0.3
V
Output saturation voltage1
(single connection)
VOUT12
IOUT = 350mA,VCC = 1.9V to 3.6V,VOUT =
Upper Tr and Under Tr
IN1 = 1.3V,IN2 to IN4 = 0V
Supplementation: Standard similar as for IN2
to IN4 = 1.3V
0.25
0.4
V
VOUT21
IOUT = 270mA,VCC = 1.9V to 3.6V,VOUT =
Upper Tr and Under Tr
OUT1-3,OUT2-4 short. IN1 and IN3 =
1.3V,IN2 and IN4 = 0V
Supplementation: Standard similar as for IN2
and IN4 = 1.3V
0.12
0.2
V
Output saturation voltage2
(parallel connection)
VOUT22
IOUT = 500mA,VCC = 1.9V to 3.6V,VOUT =
Upper Tr and Under Tr
OUT1-3,OUT2-4 short. IN1 and IN3 =
1.3V,IN2 and IN4 = 0V
Supplementation: Standard similar as for IN2
and IN4 = 1.3V
0.2
0.35
V
Input current
IIN
VIN = 1.9V
32
70
μA
Themal shutdown operation
temperature
Ttsd
140
°C
Temperature hysteresis width
∆T
20
°C
Spark killer Diode
Reverse current
IS(leak)
VCC-OUT = 8V,VIN = 0V
10
μA
Forword voltage
VSF
IOUT = 400mA,VIN = 0V
1.7
V
Package Dimensions
unit : mm (typ)
3086B
-20
0
20
40
60
80
100
85
0
0.2
0.4
0.6
0.8
1.0
Pd max -- Ta
0.45
0.18
0.35
0.87
Ambient temperature, Ta --
°C
Mounted on a specified board :
114.3mm x 76.1mm x 1.6mm
glass epoxy
SANYO : MFP10S(225mil)
1
10
5
6
(0.5)
1.0
0.35
5.0
0.15
No.A1450-2/5


Similar Part No. - ENA1450A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1453A ONSEMI-ENA1453A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1454A ONSEMI-ENA1454A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
logo
Sanyo Semicon Device
ENA1456A SANYO-ENA1456A Datasheet
419Kb / 7P
   General-Purpose Switching Device Applications
ENA1457A SANYO-ENA1457A Datasheet
465Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - ENA1450A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1973M SANYO-LB1973M_11 Datasheet
338Kb / 5P
   Two-channel H-Bridge Driver
logo
ON Semiconductor
LB1973JA-AH ONSEMI-LB1973JA-AH Datasheet
173Kb / 5P
   Two-channel H-Bridge Driver
June, 2013
logo
Sanyo Semicon Device
LV8085CL SANYO-LV8085CL Datasheet
64Kb / 5P
   Bi-CMOS LSI Two-channel H-Bridge Driver
LB1973JA SANYO-LB1973JA Datasheet
218Kb / 5P
   Monolithic Digital IC Two-channel H-Bridge Driver
LV8080LP SANYO-LV8080LP_09 Datasheet
98Kb / 8P
   Two channels Constant-current H-bridge Driver
LV8080LP SANYO-LV8080LP_11 Datasheet
98Kb / 8P
   Two channels Constant-current H-bridge Driver
LV8081GQ SANYO-LV8081GQ Datasheet
186Kb / 9P
   Two channels Constant-current H-bridge Driver
logo
ON Semiconductor
LV8080LP-TE-L-E ONSEMI-LV8080LP-TE-L-E Datasheet
93Kb / 8P
   Two channels Constant-current H-bridge Driver
June, 2013
logo
Shenzhen Huazhimei Semi...
HM117 HMSEMI-HM117 Datasheet
834Kb / 5P
   Single channel H-bridge driver
HM116A HMSEMI-HM116A Datasheet
936Kb / 5P
   Single channel H-bridge driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com