Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G126GF Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVC1G126GF
Description  Bus buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G126GF Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC1G126GF Datasheet HTML 6Page - NXP Semiconductors 74LVC1G126GF Datasheet HTML 7Page - NXP Semiconductors 74LVC1G126GF Datasheet HTML 8Page - NXP Semiconductors 74LVC1G126GF Datasheet HTML 9Page - NXP Semiconductors 74LVC1G126GF Datasheet HTML 10Page - NXP Semiconductors 74LVC1G126GF Datasheet HTML 11Page - NXP Semiconductors 74LVC1G126GF Datasheet HTML 12Page - NXP Semiconductors 74LVC1G126GF Datasheet HTML 13Page - NXP Semiconductors 74LVC1G126GF Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
74LVC1G126_8
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 08 — 9 April 2009
10 of 16
NXP Semiconductors
74LVC1G126
Bus buffer/line driver; 3-state
13. Package outline
Fig 10. Package outline SOT353-1 (TSSOP5)
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(1)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.1
0
1.0
0.8
0.30
0.15
0.25
0.08
2.25
1.85
1.35
1.15
0.65
e1
1.3
2.25
2.0
0.60
0.15
7
°
0
°
0.1
0.1
0.3
0.425
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
0.46
0.21
SOT353-1
MO-203
SC-88A
00-09-01
03-02-19
w M
bp
D
Z
e
e1
0.15
13
5
4
θ
A
A2
A1
Lp
(A3)
detail X
L
HE
E
c
v M A
X
A
y
1.5
3 mm
0
scale
TSSOP5: plastic thin shrink small outline package; 5 leads; body width 1.25 mm
SOT353-1
1.1


Similar Part No. - 74LVC1G126GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G126GF NXP-74LVC1G126GF Datasheet
90Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 07-30 August 2007
74LVC1G126GF NXP-74LVC1G126GF Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
More results

Similar Description - 74LVC1G126GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
74HC1G126 PHILIPS-74HC1G126 Datasheet
430Kb / 12P
   Bus buffer/line driver; 3-state
2002 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com