Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G175GW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC1G175GW
Description  Single D-type flip-flop with reset; positive-edge trigger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G175GW Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC1G175GW Datasheet HTML 1Page - NXP Semiconductors 74LVC1G175GW Datasheet HTML 2Page - NXP Semiconductors 74LVC1G175GW Datasheet HTML 3Page - NXP Semiconductors 74LVC1G175GW Datasheet HTML 4Page - NXP Semiconductors 74LVC1G175GW Datasheet HTML 5Page - NXP Semiconductors 74LVC1G175GW Datasheet HTML 6Page - NXP Semiconductors 74LVC1G175GW Datasheet HTML 7Page - NXP Semiconductors 74LVC1G175GW Datasheet HTML 8Page - NXP Semiconductors 74LVC1G175GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
74LVC1G175_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 21 May 2007
2 of 17
NXP Semiconductors
74LVC1G175
Single D-type flip-flop with reset; positive-edge trigger
3.
Ordering information
4.
Marking
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC1G175GW
−40 °C to +125 °C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74LVC1G175GV
−40 °C to +125 °C
SC-74
plastic surface-mounted package (TSOP6); 6 leads
SOT457
74LVC1G175GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package;
no leads; 6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
74LVC1G175GF
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package;
no leads; 6 terminals; body 1
× 1 × 0.5 mm
SOT891
Table 2.
Marking
Type number
Marking code
74LVC1G175GW
YT
74LVC1G175GV
V75
74LVC1G175GM
YT
74LVC1G175GF
YT
Fig 1.
Logic symbol.
Fig 2.
IEC logic symbol.
001aaa468
FF
MR
Q
4
3
6
1
CP
D
001aaa469
1
3
CP
DQ
6
MR
4
Fig 3.
Logic diagram.
001aaa466
CP
D
MR
C
C
C
C
C
C
C
C
Q
C
C


Similar Part No. - 74LVC1G175GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G175GW PHILIPS-74LVC1G175GW Datasheet
91Kb / 17P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 01-18 October 2004
logo
Nexperia B.V. All right...
74LVC1G175GW NEXPERIA-74LVC1G175GW Datasheet
268Kb / 17P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 10 - 27 January 2022
74LVC1G175GW-Q100 NEXPERIA-74LVC1G175GW-Q100 Datasheet
221Kb / 13P
   Single D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74LVC1G175GW.125 NXP-74LVC1G175GW.125 Datasheet
139Kb / 20P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 5-6 December 2011
More results

Similar Description - 74LVC1G175GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G175 PHILIPS-74LVC1G175 Datasheet
91Kb / 17P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 01-18 October 2004
logo
Nexperia B.V. All right...
74LVC1G175 NEXPERIA-74LVC1G175 Datasheet
268Kb / 17P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 10 - 27 January 2022
74LVC1G175-Q100 NEXPERIA-74LVC1G175-Q100 Datasheet
221Kb / 13P
   Single D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74LVC1G175GW.125 NXP-74LVC1G175GW.125 Datasheet
139Kb / 20P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 5-6 December 2011
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
logo
KODENSHI_AUK CORP.
KK74LV174 KODENSHI-KK74LV174 Datasheet
294Kb / 6P
   Hex D-type flip-flop with reset; positive edge-trigger
logo
Nexperia B.V. All right...
74HC175-Q100 NEXPERIA-74HC175-Q100 Datasheet
747Kb / 18P
   Quad D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 NXP-74AHC273_08 Datasheet
111Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com