Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G74DC Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC1G74DC
Description  Single D-type flip-flop with set and reset; positive edge trigger
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G74DC Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC1G74DC Datasheet HTML 4Page - NXP Semiconductors 74LVC1G74DC Datasheet HTML 5Page - NXP Semiconductors 74LVC1G74DC Datasheet HTML 6Page - NXP Semiconductors 74LVC1G74DC Datasheet HTML 7Page - NXP Semiconductors 74LVC1G74DC Datasheet HTML 8Page - NXP Semiconductors 74LVC1G74DC Datasheet HTML 9Page - NXP Semiconductors 74LVC1G74DC Datasheet HTML 10Page - NXP Semiconductors 74LVC1G74DC Datasheet HTML 11Page - NXP Semiconductors 74LVC1G74DC Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
74LVC1G74_8
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 08 — 3 December 2009
8 of 21
NXP Semiconductors
74LVC1G74
Single D-type flip-flop with set and reset; positive edge trigger
11. Dynamic characteristics
Table 9.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 10.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
CP to Q, Q; see Figure 8
[2]
VCC = 1.65 V to 1.95 V
1.5
6.0
13.4
1.5
13.4
ns
VCC = 2.3 V to 2.7 V
1.0
3.5
7.1
1.0
7.1
ns
VCC = 2.7 V
1.0
3.5
7.1
1.0
7.1
ns
VCC = 3.0 V to 3.6 V
1.0
3.5
5.9
1.0
5.9
ns
VCC = 4.5 V to 5.5 V
1.0
2.5
4.1
1.0
4.1
ns
SD to Q, Q; see Figure 9
[2]
VCC = 1.65 V to 1.95 V
1.5
6.0
12.9
1.5
12.9
ns
VCC = 2.3 V to 2.7 V
1.0
3.5
7.0
1.0
7.0
ns
VCC = 2.7 V
1.0
3.5
7.0
1.0
7.0
ns
VCC = 3.0 V to 3.6 V
1.0
3.0
5.9
1.0
5.9
ns
VCC = 4.5 V to 5.5 V
1.0
2.5
4.1
1.0
4.1
ns
RD to Q, Q; see Figure 9
[2]
VCC = 1.65 V to 1.95 V
1.5
5.0
12.9
1.5
12.9
ns
VCC = 2.3 V to 2.7 V
1.0
3.5
7.0
1.0
7.0
ns
VCC = 2.7 V
1.0
3.5
7.0
1.0
7.0
ns
VCC = 3.0 V to 3.6 V
1.0
3.0
5.9
1.0
5.9
ns
VCC = 4.5 V to 5.5 V
1.0
2.5
4.1
1.0
4.1
ns
tW
pulse width
CP HIGH or LOW;
see Figure 8
VCC = 1.65 V to 1.95 V
6.2
-
-
6.2
-
ns
VCC = 2.3 V to 2.7 V
2.7
-
-
2.7
-
ns
VCC = 2.7 V
2.7
-
-
2.7
-
ns
VCC = 3.0 V to 3.6 V
2.7
1.3
-
2.7
-
ns
VCC = 4.5 V to 5.5 V
2.0
-
-
2.0
-
ns
SD and RD LOW;
see Figure 9
VCC = 1.65 V to 1.95 V
6.2
-
-
6.2
-
ns
VCC = 2.3 V to 2.7 V
2.7
-
-
2.7
-
ns
VCC = 2.7 V
2.7
-
-
2.7
-
ns
VCC = 3.0 V to 3.6 V
2.7
1.6
-
2.7
-
ns
VCC = 4.5 V to 5.5 V
2.0
-
-
2.0
-
ns


Similar Part No. - 74LVC1G74DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G74DC PHILIPS-74LVC1G74DC Datasheet
112Kb / 19P
   Single D-type flip-flop with set and reset; positive edge trigger
2005 Feb 01
74LVC1G74DC NXP-74LVC1G74DC Datasheet
103Kb / 19P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 11-4 June 2012
74LVC1G74DC NXP-74LVC1G74DC Datasheet
549Kb / 21P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 08-3 December 2009
74LVC1G74DC NXP-74LVC1G74DC Datasheet
202Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 9-5 August 2010
74LVC1G74DC PHILIPS-74LVC1G74DC Datasheet
166Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 10-2 December 2011
More results

Similar Description - 74LVC1G74DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G74DC.125 NXP-74LVC1G74DC.125 Datasheet
299Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 12-2 April 2013
74LVC1G74 NXP-74LVC1G74_10 Datasheet
202Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 9-5 August 2010
74LVC2G74 PHILIPS-74LVC2G74 Datasheet
100Kb / 20P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 01-3 November 2005
logo
Nexperia B.V. All right...
74LVC1G74-Q100 NEXPERIA-74LVC1G74-Q100 Datasheet
245Kb / 16P
   Single D-type flip-flop with set and reset; positive edge trigger
logo
NXP Semiconductors
74LVC1G74 PHILIPS-74LVC1G74 Datasheet
112Kb / 19P
   Single D-type flip-flop with set and reset; positive edge trigger
2005 Feb 01
74LVC1G74 NXP-74LVC1G74 Datasheet
103Kb / 19P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 11-4 June 2012
74LVC2G74 NXP-74LVC2G74 Datasheet
104Kb / 19P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 03-9 August 2007
74LVC1G74 NXP-74LVC1G74_09 Datasheet
549Kb / 21P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 08-3 December 2009
74LVC2G74 NXP-74LVC2G74_09 Datasheet
123Kb / 21P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 06-23 December 2009
logo
Nexperia B.V. All right...
74LVC2G74-Q100 NEXPERIA-74LVC2G74-Q100 Datasheet
231Kb / 15P
   Single D-type flip-flop with set and reset; positive edge trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com