Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G175 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVC1G175
Description  Single D-type flip-flop with reset; positive-edge trigger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G175 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC1G175 Datasheet HTML 2Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
74LVC1G175_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 21 May 2007
6 of 17
NXP Semiconductors
74LVC1G175
Single D-type flip-flop with reset; positive-edge trigger
[1]
All typical values are measured at Tamb = 25 °C.
[2]
These typical values are measured at VCC = 3.3 V.
Tamb = −40 °C to +125 °C
VIH
HIGH-level input voltage
VCC = 1.65 V to 1.95 V
0.65
× V
CC
--
V
VCC = 2.3 V to 2.7 V
1.7
-
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
V
VCC = 4.5 V to 5.5 V
0.7
× V
CC
--
V
VIL
LOW-level input voltage
VCC = 1.65 V to 1.95 V
-
-
0.35
× V
CC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
V
VCC = 4.5 V to 5.5 V
-
-
0.3
× V
CC
V
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = −100 µA; VCC = 1.65 V to 5.5 V
VCC − 0.1
-
-
V
IO = −4 mA; VCC = 1.65 V
0.95
-
-
V
IO = −8 mA; VCC = 2.3 V
1.7
-
-
V
IO = −12 mA; VCC = 2.7 V
1.9
-
-
V
IO = −24 mA; VCC = 3.0 V
2.0
-
-
V
IO = −32 mA; VCC = 4.5 V
3.4
-
-
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO = 100 µA; VCC = 1.65 V to 5.5 V
-
-
0.10
V
IO = 4 mA; VCC = 1.65 V
-
-
0.70
V
IO = 8 mA; VCC = 2.3 V
-
-
0.45
V
IO = 12 mA; VCC = 2.7 V
-
-
0.60
V
IO = 24 mA; VCC = 3.0 V
-
-
0.80
V
IO = 32 mA; VCC = 4.5 V
-
-
0.80
V
II
input leakage current
VCC = 0 V to 5.5 V; VI = 5.5 V or GND
-
-
±20
µA
IOFF
power-off leakage current
VCC = 0 V; VI or VO = 5.5 V
-
-
±20
µA
ICC
supply current
VCC = 1.65 V to 5.5 V; IO =0A;
VI = 5.5 V or GND
--
40
µA
∆ICC
additional supply current
VCC = 2.3 V to 5.5 V; VI =VCC − 0.6 V;
IO =0 A
-
-
5000
µA
Table 7.
Static characteristics …continued
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - 74LVC1G175

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G175 PHILIPS-74LVC1G175 Datasheet
91Kb / 17P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 01-18 October 2004
logo
Nexperia B.V. All right...
74LVC1G175 NEXPERIA-74LVC1G175 Datasheet
268Kb / 17P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 10 - 27 January 2022
74LVC1G175-Q100 NEXPERIA-74LVC1G175-Q100 Datasheet
221Kb / 13P
   Single D-type flip-flop with reset; positive-edge trigger
logo
Texas Instruments
74LVC1G175DBVRE4 TI1-74LVC1G175DBVRE4 Datasheet
1Mb / 28P
[Old version datasheet]   Single D-Type Flip-Flop With Asynchronous Clear
74LVC1G175DBVRG4 TI1-74LVC1G175DBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Single D-Type Flip-Flop With Asynchronous Clear
More results

Similar Description - 74LVC1G175

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G175 PHILIPS-74LVC1G175 Datasheet
91Kb / 17P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 01-18 October 2004
logo
Nexperia B.V. All right...
74LVC1G175 NEXPERIA-74LVC1G175 Datasheet
268Kb / 17P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 10 - 27 January 2022
74LVC1G175-Q100 NEXPERIA-74LVC1G175-Q100 Datasheet
221Kb / 13P
   Single D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74LVC1G175GW.125 NXP-74LVC1G175GW.125 Datasheet
139Kb / 20P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 5-6 December 2011
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
logo
KODENSHI_AUK CORP.
KK74LV174 KODENSHI-KK74LV174 Datasheet
294Kb / 6P
   Hex D-type flip-flop with reset; positive edge-trigger
logo
Nexperia B.V. All right...
74HC175-Q100 NEXPERIA-74HC175-Q100 Datasheet
747Kb / 18P
   Quad D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 NXP-74AHC273_08 Datasheet
111Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com