Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61185 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61185
Description  WLED Driver for Notebooks with PWM Control Interface
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61185 Datasheet(HTML) 2 Page - Texas Instruments

  TPS61185 Datasheet HTML 1Page - Texas Instruments TPS61185 Datasheet HTML 2Page - Texas Instruments TPS61185 Datasheet HTML 3Page - Texas Instruments TPS61185 Datasheet HTML 4Page - Texas Instruments TPS61185 Datasheet HTML 5Page - Texas Instruments TPS61185 Datasheet HTML 6Page - Texas Instruments TPS61185 Datasheet HTML 7Page - Texas Instruments TPS61185 Datasheet HTML 8Page - Texas Instruments TPS61185 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
TPS61185
SLVSAA1A – APRIL 2010 – REVISED MAY 2010
www.ti.com
PACKAGE INFORMATION(1)
PACKAGE
PACKAGE MARKING
TPS61185RGE
TPS61185
(1)
For the most current package and ordering information, see the
Package Option Addendum at the end of this document, or visit the
device product folder on ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
VIN and FAULT
–0.3
24
V
MODE
–0.3
7
V
Voltage range(2)
SW
–0.3
40
V
EN, PWM, IFB1 to IFB8
–0.3
20
V
On all other pins
–0.3
3.6
V
See Thermal
Continuous power dissipation
Information Table
Operating junction, Tj
–40
150
°C
Temperature range
Storage, Tstg
–65
150
°C
IFB1 to IFB8
5
Human Body Model (HBM)
kV
On all other pins
2
ESD rating(3)
Machine Model (MM)
200
V
Charge Device Model (CDM)
1
kV
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
ESD testing is performed according to the respective JESD22 JEDEC standard.
THERMAL INFORMATION
TPS61185
THERMAL METRIC(1)
RGE
UNITS
24
qJA
Junction-to-ambient thermal resistance(2)
33.7
qJC(top)
Junction-to-case(top) thermal resistance (3)
16.9
qJB
Junction-to-board thermal resistance (4)
7.4
°C/W
yJT
Junction-to-top characterization parameter (5)
0.5
yJB
Junction-to-board characterization parameter (6)
7.1
qJC(bottom)
Junction-to-case(bottom) thermal resistance (7)
1.7
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific
JEDEC-standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter, yJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining qJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter, yJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining qJA , using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS61185


Similar Part No. - TPS61185

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61180 TI-TPS61180 Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180 TI1-TPS61180 Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTE TI-TPS61180RTE Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTE TI1-TPS61180RTE Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTER TI-TPS61180RTER Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
More results

Similar Description - TPS61185

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61183 TI-TPS61183_10 Datasheet
1Mb / 25P
[Old version datasheet]   WLED Driver for Notebooks with PWM Interface and Programmable PWM Dimming
TPS61187 TI1-TPS61187 Datasheet
1Mb / 25P
[Old version datasheet]   WLED Driver for Notebooks with PWM Interface and Auto Phase Shift
TPS61177A TI1-TPS61177A Datasheet
2Mb / 40P
[Old version datasheet]   WLED Driver for Notebooks
TPS61195 TI-TPS61195_1 Datasheet
891Kb / 29P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
TPS61195 TI-TPS61195 Datasheet
722Kb / 27P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
logo
Micrel Semiconductor
MIC2860_P MICREL-MIC2860_P Datasheet
518Kb / 12P
   High Efficiency 2 Channel WLED Driver with PWM Control
MIC2843 MICREL-MIC2843 Datasheet
1Mb / 15P
   High-Efficiency 6-Channel Linear WLED Driver with Ultra-Fast PWM??Control
MIC4802 MICREL-MIC4802 Datasheet
539Kb / 12P
   High Efficiency 800mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC4801 MICREL-MIC4801 Datasheet
560Kb / 12P
   High Efficiency 600mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC4811_1104 MICREL-MIC4811_1104 Datasheet
648Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com