Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G57GW Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVC1G57GW
Description  Low-power configurable multiple function gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G57GW Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC1G57GW Datasheet HTML 2Page - NXP Semiconductors 74LVC1G57GW Datasheet HTML 3Page - NXP Semiconductors 74LVC1G57GW Datasheet HTML 4Page - NXP Semiconductors 74LVC1G57GW Datasheet HTML 5Page - NXP Semiconductors 74LVC1G57GW Datasheet HTML 6Page - NXP Semiconductors 74LVC1G57GW Datasheet HTML 7Page - NXP Semiconductors 74LVC1G57GW Datasheet HTML 8Page - NXP Semiconductors 74LVC1G57GW Datasheet HTML 9Page - NXP Semiconductors 74LVC1G57GW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
74LVC1G57_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 19 July 2007
6 of 17
NXP Semiconductors
74LVC1G57
Low-power configurable multiple function gate
10. Static characteristics
[1]
Typical values are measured at maximum VCC and Tamb =25 °C.
Table 8.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
VOL
LOW-level
output voltage
VI =VCC or GND
IO = 100 µA;
VCC = 1.65 V to 5.5 V
-
-
0.1
-
0.1
V
IO = 4 mA; VCC = 1.65 V
-
-
0.45
-
0.7
V
IO = 8 mA; VCC = 2.3 V
-
-
0.3
-
0.45
V
IO = 12 mA; VCC = 2.7 V
-
-
0.4
-
0.6
V
IO = 24 mA; VCC = 3.0 V
-
-
0.55
-
0.8
V
IO = 32 mA; VCC = 4.5 V
-
-
0.55
-
0.8
V
VOH
HIGH-level
output voltage
VI =VCC or GND
IO = −100 µA;
VCC = 1.65 V to 5.5 V
VCC − 0.1
-
-
VCC − 0.1
-
V
IO = −4 mA; VCC = 1.65 V
1.2
-
-
0.95
-
V
IO = −8 mA; VCC = 2.3 V
1.9
-
-
1.7
-
V
IO = −12 mA; VCC = 2.7 V
2.2
-
-
1.9
-
V
IO = −24 mA; VCC = 3.0 V
2.3
-
-
2.0
-
V
IO = −32 mA; VCC = 4.5 V
3.8
-
-
3.4
-
V
II
input leakage
current
VI = 5.5 V or GND;
VCC = 0 V to 5.5 V
-
±0.1
±5-
±100
µA
IOFF
power-off
leakage
current
VI or VO = 5.5 V; VCC = 0 V
-
±0.1
±10
-
±200
µA
ICC
supply current
VI = 5.5 V or GND; IO =0A;
VCC = 1.65 V to 5.5 V
-
0.1
10
-
200
µA
∆ICC
additional
supply current
VI =VCC − 0.6 V; IO =0A;
VCC = 2.3 V to 5.5 V
-
5
500
-
5000
µA
CI
input
capacitance
-
2.5
-
-
-
pF


Similar Part No. - 74LVC1G57GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G57GW PHILIPS-74LVC1G57GW Datasheet
99Kb / 18P
   Low-power configurable multiple function gate
Rev. 01-6 September 2004
logo
Nexperia B.V. All right...
74LVC1G57GW NEXPERIA-74LVC1G57GW Datasheet
269Kb / 18P
   Low-power configurable multiple function gate
Rev. 10 - 1 February 2022
74LVC1G57GW-Q100 NEXPERIA-74LVC1G57GW-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
More results

Similar Description - 74LVC1G57GW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com