Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS63001DRCR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63001DRCR
Description  HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS63001DRCR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS63001DRCR Datasheet HTML 6Page - Texas Instruments TPS63001DRCR Datasheet HTML 7Page - Texas Instruments TPS63001DRCR Datasheet HTML 8Page - Texas Instruments TPS63001DRCR Datasheet HTML 9Page - Texas Instruments TPS63001DRCR Datasheet HTML 10Page - Texas Instruments TPS63001DRCR Datasheet HTML 11Page - Texas Instruments TPS63001DRCR Datasheet HTML 12Page - Texas Instruments TPS63001DRCR Datasheet HTML 13Page - Texas Instruments TPS63001DRCR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
V =3Vto3.6V,
I
=600mA
I
O
TPS63001,
V
=3.3V
O
Timebase2ms/div
OutputVoltage
20mV/div,ac
InputVoltage
1V/div,dc
OutputVoltage
1V/div,dc
Enable
2V/div,dc
InductorCurrent
200mA/div,dc
VoltageatL1
2V/div,dc
Timebase50 s/div
m
V =3.3V,I
=300mA
I
O
TPS63000,
V
=2.5V
O
VoltageatL2
2V/div,dc
TPS63002,
V
=5V
O
InductorCurrent
500mA/div,dc
OutputVoltage
2V/div,dc
Timebase100 s/div
m
Enable
2V/div,dc
V =2.4V,I
=300mA
I
O
TPS63000
TPS63001
TPS63002
SLVS520B – MARCH 2006 – REVISED JULY 2008........................................................................................................................................................... www.ti.com
LINE TRANSIENT RESPONSE
STARTUP AFTER ENABLE
(TPS63001, Iout = 600mA)
(TPS63000, VOUT = 2.5V)
Figure 16.
Figure 17.
STARTUP AFTER ENABLE
(TPS63002)
Figure 18.
10
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS63000 TPS63001 TPS63002


Similar Part No. - TPS63001DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63001DRCR TI-TPS63001DRCR Datasheet
272Kb / 14P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63001DRCR TI-TPS63001DRCR Datasheet
673Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63001DRCR TI1-TPS63001DRCR Datasheet
794Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63001DRCRG4 TI-TPS63001DRCRG4 Datasheet
673Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63001DRCRG4 TI1-TPS63001DRCRG4 Datasheet
794Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
More results

Similar Description - TPS63001DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63000 TI-TPS63000_10 Datasheet
673Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI-TPS63000 Datasheet
272Kb / 14P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI1-TPS63000_12 Datasheet
794Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI-TPS63000_15 Datasheet
1,016Kb / 25P
[Old version datasheet]   TPS6300x High-Efficient Single Inductor Buck-Boost Converter With 1.8-A Switches
TPS63010 TI-TPS63010 Datasheet
668Kb / 27P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010 TI-TPS63010_09 Datasheet
686Kb / 28P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010 TI-TPS63010_10 Datasheet
707Kb / 28P
[Old version datasheet]   HIGHLY EFFICIENT,SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010 TI1-TPS63010_12 Datasheet
739Kb / 29P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63000-Q1 TI1-TPS63000-Q1 Datasheet
676Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCH
TPS63030 TI-TPS63030_09 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com