Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMX320C6720RFP350 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMX320C6720RFP350
Description  Floating-Point Digital Signal Processors
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320C6720RFP350 Datasheet(HTML) 5 Page - Texas Instruments

  TMX320C6720RFP350 Datasheet HTML 1Page - Texas Instruments TMX320C6720RFP350 Datasheet HTML 2Page - Texas Instruments TMX320C6720RFP350 Datasheet HTML 3Page - Texas Instruments TMX320C6720RFP350 Datasheet HTML 4Page - Texas Instruments TMX320C6720RFP350 Datasheet HTML 5Page - Texas Instruments TMX320C6720RFP350 Datasheet HTML 6Page - Texas Instruments TMX320C6720RFP350 Datasheet HTML 7Page - Texas Instruments TMX320C6720RFP350 Datasheet HTML 8Page - Texas Instruments TMX320C6720RFP350 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 118 page
background image
1.3 Functional Block Diagram
Program/Data
RAM
256K Bytes
256
256
Program/Data
ROM Page0
256K Bytes
256
Program/Data
ROM Page1
128K Bytes
32
32
DMP
PMP
CSP
32
256
32K Bytes
Program
Cache
64
D1
Data
R/W
R/W
Data
D2
64
Program
Fetch
INT
I/O
C67x+ CPU
Memory
Controller
32
High-Performance
Crossbar Switch
32
JTAG EMU
32
32
32
32
32
32
32
32
EMIF
32
Events
In
32
MAX1
MAX0
32
CONTROL
32
Interrupts
Out
I/O
dMAX
McASP0
16 Serializers
McASP1
6 Serializers
McASP2
2 Serializers
+ DIT
SPI1
SPI0
I2C1
I2C0
RTI
32
UHPI
PLL
Peripheral Interrupt and DMA Events
32
32
32
32
32
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
Figure 1-1 shows the functional block diagram of the C672x device.
A.
UHPI is available only on the C6727B. McASP2 is not available on the C6722B and C6720.
Figure 1-1. C672x DSP Block Diagram
Submit Documentation Feedback
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720 DSPs
5


Similar Part No. - TMX320C6720RFP350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320C6722RFP TI-TMX320C6722RFP Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMX320C6722RFP TI-TMX320C6722RFP Datasheet
944Kb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMX320C6726RFP TI-TMX320C6726RFP Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMX320C6726RFP TI-TMX320C6726RFP Datasheet
944Kb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMX320C6727GDH TI-TMX320C6727GDH Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results

Similar Description - TMX320C6720RFP350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com