Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2044B Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2044B
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2044B Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2044B Datasheet HTML 7Page - Texas Instruments TPS2044B Datasheet HTML 8Page - Texas Instruments TPS2044B Datasheet HTML 9Page - Texas Instruments TPS2044B Datasheet HTML 10Page - Texas Instruments TPS2044B Datasheet HTML 11Page - Texas Instruments TPS2044B Datasheet HTML 12Page - Texas Instruments TPS2044B Datasheet HTML 13Page - Texas Instruments TPS2044B Datasheet HTML 14Page - Texas Instruments TPS2044B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
PARAMETER MEASUREMENT INFORMATION
RL
CL
OUT
tr
tf
90%
90%
10%
10%
50%
50%
90%
10%
VO(OUT)
VI(EN)
VO(OUT)
VOLTAGE WAVEFORMS
TEST CIRCUIT
ton
toff
50%
50%
90%
10%
VI(EN)
VO(OUT)
ton
toff
VI(EN)
VI(EN)
5 V/div
VO(OUT)
2 V/div
RL = 10 W,
CL = 1 mF
TA = 255C
t − Time − 500 ms/div
VI(EN)
VI(EN)
5 V/div
VO(OUT)
2 V/div
RL = 10 W,
CL = 1 mF
TA = 255C
t − Time − 500 ms/div
TPS2041B
,, TPS2042B
TPS2043B, TPS2044B, TPS2051B
TPS2052B, TPS2053B, TPS2054B
www.ti.com .................................................................................................................................................. SLVS514J – APRIL 2004 – REVISED DECEMBER 2008
Figure 1. Test Circuit and Voltage Waveforms
Figure 2. Turnon Delay and Rise Time With 1-
µF Load
Figure 3. Turnoff Delay and Fall Time With 1-
µF Load
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS2041B TPS2042B TPS2043B TPS2044B TPS2051B TPS2052B TPS2053B TPS2054B


Similar Part No. - TPS2044B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2044B TI-TPS2044B Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2044B TI-TPS2044B Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2044B TI-TPS2044B Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2044B TI1-TPS2044B Datasheet
1Mb / 52P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2044B TI1-TPS2044B Datasheet
1Mb / 59P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
More results

Similar Description - TPS2044B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com