Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7A4501KTTR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A4501KTTR
Description  LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A4501KTTR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS7A4501KTTR Datasheet HTML 3Page - Texas Instruments TPS7A4501KTTR Datasheet HTML 4Page - Texas Instruments TPS7A4501KTTR Datasheet HTML 5Page - Texas Instruments TPS7A4501KTTR Datasheet HTML 6Page - Texas Instruments TPS7A4501KTTR Datasheet HTML 7Page - Texas Instruments TPS7A4501KTTR Datasheet HTML 8Page - Texas Instruments TPS7A4501KTTR Datasheet HTML 9Page - Texas Instruments TPS7A4501KTTR Datasheet HTML 10Page - Texas Instruments TPS7A4501KTTR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
2.42
2.44
2.46
2.48
2.5
2.52
2.54
2.56
2.58
-50
-25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
VOUT Fixed 2.5 V
IOUT = 1 mA
TPS7A4525
I
= 1 mA
OUT
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
-50
-25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
VOUT Fixed 3.3 V
IOUT = 1 mA
TPS7A4533
I
= 1 mA
OUT
1.19
1.195
1.2
1.205
1.21
1.215
1.22
1.225
1.23
-50
-25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
VOUT Adjustable
IOUT = 1 mA
VIN = 6 V
TPS7A4501
I
= 1 mA
V = 6 V
OUT
IN
0
0.2
0.4
0.6
0.8
1
1.2
0
2
4
6
8
10
12
14
16
18
20
Input Voltage – V
TJ = 25°C
ROUT = 4.3 k
VSHDN = VIN
VOUT Adjustable
W
TPS7A4501
TPS7A45xx
www.ti.com ................................................................................................................................................ SLVS720C – JUNE 2008 – REVISED SEPTEMBER 2009
TYPICAL CHARACTERISTICS (continued)
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
TEMPERATURE
TEMPERATURE
Figure 5.
Figure 6.
OUTPUT VOLTAGE
QUIESCENT CURRENT
vs
vs
TEMPERATURE
INPUT VOLTAGE
Figure 7.
Figure 8.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS7A45xx


Similar Part No. - TPS7A4501KTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4501KTTR TI-TPS7A4501KTTR Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A4501KTTR TI-TPS7A4501KTTR Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A4501KTTR TI1-TPS7A4501KTTR Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5A Low-Dropout Voltage Regulators
TPS7A4501KTTR TI1-TPS7A4501KTTR Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
More results

Similar Description - TPS7A4501KTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4515 TI-TPS7A4515 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX_0808 TI-TPS7A45XX_0808 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX Datasheet
423Kb / 19P
[Old version datasheet]   LOW-NOISE, FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS7A4501 TI-TPS7A4501_15 Datasheet
3Mb / 37P
[Old version datasheet]   TPS7A45xx Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS75301-EP TI1-TPS75301-EP Datasheet
882Kb / 33P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101QPWPRQ1 TI1-TPS75101QPWPRQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1764 LINER-LT1764_1 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com