Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV70025DSET Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70025DSET
Description  200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV70025DSET Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV70025DSET Datasheet HTML 2Page - Texas Instruments TLV70025DSET Datasheet HTML 3Page - Texas Instruments TLV70025DSET Datasheet HTML 4Page - Texas Instruments TLV70025DSET Datasheet HTML 5Page - Texas Instruments TLV70025DSET Datasheet HTML 6Page - Texas Instruments TLV70025DSET Datasheet HTML 7Page - Texas Instruments TLV70025DSET Datasheet HTML 8Page - Texas Instruments TLV70025DSET Datasheet HTML 9Page - Texas Instruments TLV70025DSET Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
2.1
2.6
3.1
3.6
4.1
4.6
5.1
5.6
InputVoltage(V)
1.90
1.88
1.86
1.84
1.82
1.80
1.78
1.76
1.74
1.72
1.70
+125 C
+85 C
+25 C
40 C
-
°
°
°
°
I
=10mA
OUT
2.1
2.6
3.1
3.6
4.1
4.6
5.1
5.6
InputVoltage(V)
1.90
1.88
1.86
1.84
1.82
1.80
1.78
1.76
1.74
1.72
1.70
+125 C
+85 C
+25 C
40 C
-
°
°
°
°
I
=200mA
OUT
0
40
60
100
120
140
180 200
OutputCurrent(mA)
1.90
1.88
1.86
1.84
1.82
1.80
1.78
1.76
1.74
1.72
1.70
+125 C
+85 C
+25 C
40 C
-
°
°
°
°
20
80
160
250
200
150
100
50
0
2.25
2.75
3.25
3.75
4.25
4.75
InputVoltage(V)
+125 C
+85 C
+25 C
40 C
-
°
°
°
°
I
=200mA
OUT
TLV700xx
TLV701xx
SLVSA00A – SEPTEMBER 2009 – REVISED APRIL 2010
www.ti.com
TYPICAL CHARACTERISTICS
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.5 V or 2.0 V, whichever is greater; IOUT = 10
mA, VEN = VIN, COUT = 1.0 mF, unless otherwise noted. Typical values are at TJ = +25°C.
TLV70018
TLV70018
LINE REGULATION
LINE REGULATION
Figure 3.
Figure 4.
TLV70018
DROPOUT VOLTAGE vs INPUT VOLTAGE
LOAD REGULATION
VOUT = 4.8V
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated


Similar Part No. - TLV70025DSET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70025DSET TI-TLV70025DSET Datasheet
747Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70025DSET TI-TLV70025DSET Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70025DSET TI-TLV70025DSET Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70025DSET TI1-TLV70025DSET Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70025DSET TI1-TLV70025DSET Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV70025DSET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70012A-Q1 TI1-TLV70012A-Q1 Datasheet
775Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV700XX_101 TI-TLV700XX_101 Datasheet
747Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70033-Q1 TI-TLV70033-Q1 Datasheet
337Kb / 14P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70028-Q1 TI1-TLV70028-Q1 Datasheet
1,006Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70012A-Q1 TI1-TLV70012A-Q1_16 Datasheet
1Mb / 24P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com