Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320DM648ZUT9 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS320DM648ZUT9
Description  Digital Media Processor
Download  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM648ZUT9 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320DM648ZUT9 Datasheet HTML 5Page - Texas Instruments TMS320DM648ZUT9 Datasheet HTML 6Page - Texas Instruments TMS320DM648ZUT9 Datasheet HTML 7Page - Texas Instruments TMS320DM648ZUT9 Datasheet HTML 8Page - Texas Instruments TMS320DM648ZUT9 Datasheet HTML 9Page - Texas Instruments TMS320DM648ZUT9 Datasheet HTML 10Page - Texas Instruments TMS320DM648ZUT9 Datasheet HTML 11Page - Texas Instruments TMS320DM648ZUT9 Datasheet HTML 12Page - Texas Instruments TMS320DM648ZUT9 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 181 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009
Compact Instructions - The native instruction size for the C6000 devices is 32 bits. Many common
instructions such as MPY, AND, OR, ADD, and SUB can be expressed as 16 bits if the C64x+
compiler can restrict the code to use certain registers in the register file. This compression is
performed by the code generation tools.
Instruction Set Enhancement - As noted above, there are new instructions such as 32-bit
multiplications, complex multiplications, packing, sorting, bit manipulation, and 32-bit Galois field
multiplication.
Exceptions Handling - Intended to aid the programmer in isolating bugs. The C64x+ CPU is able to
detect and respond to exceptions, both from internally detected sources (such as illegal opcodes).
Privilege - Defines user and supervisor modes of operation, allowing the operating system to give a
basic level of protection to sensitive resources. Local memory is divided into multiple pages, each with
read, write, and execute permissions.
Time-Stamp Counter - Primarily targeted for real-time operating system (RTOS) robustness, a
free-running time-stamp counter that is not sensitive to system stalls is implemented in the CPU.
For more details on the C64x+ CPU and its enhancements over the C64x architecture, see the following
documents:
TMS320C64x/C64x+ DSP CPU and Instruction Set Reference Guide (literature number SPRU732)
TMS320C64x+ DSP Megamodule Reference Guide (literature number SPRU871)
TMS320C64x to TMS320C64x+ CPU Migration Guide Application Report (literature number SPRAA84)
TMS320C64x+ DSP Cache User's Guide (literature number SPRU862)
Copyright © 2010–2009, Texas Instruments Incorporated
Device Overview
9
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648


Similar Part No. - TMS320DM648ZUT9

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM648ZUT9 TI-TMS320DM648ZUT9 Datasheet
1Mb / 167P
[Old version datasheet]   Digital Media Processor
TMS320DM648ZUT9 TI-TMS320DM648ZUT9 Datasheet
1Mb / 181P
[Old version datasheet]   Digital Media Processor
TMS320DM648ZUT9 TI1-TMS320DM648ZUT9 Datasheet
1Mb / 190P
[Old version datasheet]   Digital Media Processor
TMS320DM648ZUT9 TI1-TMS320DM648ZUT9 Datasheet
1Mb / 191P
[Old version datasheet]   Digital Media Processor
TMS320DM648ZUT900 TI-TMS320DM648ZUT900 Datasheet
1Mb / 166P
[Old version datasheet]   Digital Media Processor
More results

Similar Description - TMS320DM648ZUT9

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
[Old version datasheet]   Digital Media Processor
TMS320DM6437 TI-TMS320DM6437_08 Datasheet
2Mb / 305P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI1-TMS320DM647_16 Datasheet
1Mb / 190P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_15 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_16 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_17 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_17 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433_17 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_08 Datasheet
1Mb / 167P
[Old version datasheet]   Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com