Part Name
         Description
TMS320DM355ZCE270

 Digital Media System-on-Chip (DMSoC) ( 159 Page)


TI
100% 
Zoom Out Zoom In
 68 page
background image
3.5.2
Supported Clocking Configurations for DM355-135
3.5.2.1 Supported Clocking Configurations for DM355-135 (24 MHz reference)
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463F – SEPTEMBER 2007 – REVISED JANUARY 2009
www.ti.com
This section describes the only supported device clocking configurations for DM355-135. The DM355
supports either 24 MHz (typical) or 36 MHz reference clock (crystal or external oscillator input).
Configurations are shown for both cases.
3.5.2.1.1 DM355-135 PLL1 (24 MHz reference)
All supported clocking configurations for DM355-135 PLL1 with 24 MHz reference clock are shown in
Table 3-2. PLL1 Supported Clocking Configurations for DM355-135 (24 MHz reference)
PREDIV
PLLM
POSTDIV
PLL1
ARM /
Peripherals
VENC
VPSS
VCO
MPEG4 and JPEG
Coprocessor
(/8 fixed)
(m programmable)
(/2 or /1
(MHz)
PLLDIV1
SYSCLK1
PLLDIV2
SYSCLK2
PLLDIV3
SYSCLK3
PLLDIV4
SYSCLK4
programmable)
(/2 fixed)
(MHz)
(/4 fixed)
(MHz)
(/n
(MHz)
(/4 or /2
(MHz)
programmable)
programmable)
bypass
bypass
bypass
bypass
2
12
4
6
10
2.4
4
6
8
180
2
270
2
135
4
67.5
10
27
2
135
8
162
2
243
2
121.5
4
60.75
9
27
2
121.5
8
144
2
216
2
108
4
54
8
27
2
108
8
126
2
189
2
94.5
4
47.25
7
27
2
94.5
8
108
2
162
2
81
4
40.5
6
27
2
81
3.5.2.1.2 DM355-135 PLL2 (24 MHz reference)
All supported clocking configurations for DM355-135 PLL2 with 24 MHz reference clock are shown in
Table 3-3. PLL2 Supported Clocking Configurations for DM355-135 (24 MHz reference)
PREDIV
PLLM
POSTDIV
PLL2 VCO
DDR PHY
DDR Clock
(/n programmable)
(m programmable)
(/1 fixed)
(MHz)
PLLDIV1
SYSCLK1
DDR_CLK
(/1 fixed)
(MHz)
(MHz)
bypass
bypass
bypass
bypass
1
24
12
12
133
1
266
1
266
133
12
100
1
200
1
200
100
15
100
1
160
1
160
80
Detailed Device Description
68



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl