Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320DM365 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM365
Description  Digital Media System-on-Chip (DMSoC)
Download  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM365 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320DM365 Datasheet HTML 1Page - Texas Instruments TMS320DM365 Datasheet HTML 2Page - Texas Instruments TMS320DM365 Datasheet HTML 3Page - Texas Instruments TMS320DM365 Datasheet HTML 4Page - Texas Instruments TMS320DM365 Datasheet HTML 5Page - Texas Instruments TMS320DM365 Datasheet HTML 6Page - Texas Instruments TMS320DM365 Datasheet HTML 7Page - Texas Instruments TMS320DM365 Datasheet HTML 8Page - Texas Instruments TMS320DM365 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 211 page
background image
TMS320DM365
www.ti.com
SPRS457C – MARCH 2009 – REVISED APRIL 2010
TMS320DM365
Digital Media System-on-Chip (DMSoC)
Check for Samples: TMS320DM365
1
TMS320DM365 Digital Media System-on-Chip (DMSoC)
1.1
Features
12
MAC
• Highlights
– ARM® Javelle® Technology
– High-Performance Digital Media
System-on-Chip (DMSoC)
– Embedded ICE-RT Logic for Real-Time
Debug
– Up to 300-MHz ARM926EJ-S Clock Rate
• ARM9 Memory Architecture
– Two Video Image Co-processors
(HDVICP, MJCP) Engines
– 16K-Byte Instruction Cache
– Supports a Range of Encode, Decode, and
– 8K-Byte Data Cache
Video Quality Operations
– 32K-Byte RAM
– Video Processing Subsystem
– 16K-Byte ROM
HW Face Detect Engine
– Little Endian
Resize Engine from 1/16x to 8x
• Two Video Image Co-processors
16-Bit Parallel AFE (Analog Front-End)
(HDVICP, MJCP) Engines
Interface Up to 120 MHz
– Support a Range of Encode and Decode
4:2:2 (8-/16-bit) Interface
Operations
3 DACs for HD Analog Video Output
– H.264, MPEG4, MPEG2, MJPEG, JPEG,
WMV9/VC1
Hardware On-Screen Display (OSD)
• Video Processing Subsystem
– Capable of 720p 30fps H.264 video
processing
– Front End Provides:
– Peripherals include EMAC, USB 2.0 OTG,
HW Face Detect Engine
DDR2/NAND, 5 SPIs, 2 UARTs, 2
Hardware IPIPE for Real-Time Image
MMC/SD/SDIO, Key Scan
Processing
– 8 Different Boot Modes and Configurable
Resize Engine
Power-Saving Modes
Resize Images From 1/16x to 8x
– Pin-to-pin and software compatible with
Separate Horizontal/Vertical
DM368
Control
– Extended temperature (-40ºC – 85ºC)
Two Simultaneous Output Paths
available for 300-Mhz device
IPIPE Interface (IPIPEIF)
– 3.3-V and 1.8-V I/O, 1.2-V/1.35-V Core
Image Sensor Interface (ISIF) and CMOS
– Debug Interface Support
Imager Interface
– 338-Pin Ball Grid Array at 65nm Process
16-Bit Parallel AFE (Analog Front End)
Technology
Interface Up to 120 MHz
• High-Performance Digital Media
Glueless Interface to Common Video
System-on-Chip (DMSoC)
Decoders
– 216-, 270-, 300-MHz ARM926EJ-S Clock Rate
BT.601/BT.656/BT.1120 Digital YCbCr
– Fully Software-Compatible With ARM9™
4:2:2 (8-/16-Bit) Interface
– Extended temperature available for 300-Mhz
Histogram Module
device
Lens distortion correction module (LDC)
• ARM926EJ-S™ Core
Hardware 3A statistics collection module
– Support for 32-Bit and 16-Bit
(H3A)
(Thumb® Mode) Instruction Sets
– Back End Provides:
– DSP Instruction Extensions and Single Cycle
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS320DM365

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM365 TI1-TMS320DM365 Datasheet
1Mb / 210P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM365 TI1-TMS320DM365 Datasheet
1Mb / 210P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM365ZCE21 TI1-TMS320DM365ZCE21 Datasheet
1Mb / 210P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM365ZCE21 TI1-TMS320DM365ZCE21 Datasheet
1Mb / 210P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM365ZCE27 TI1-TMS320DM365ZCE27 Datasheet
1Mb / 210P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
More results

Similar Description - TMS320DM365

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM355 TI-TMS320DM355_09 Datasheet
1Mb / 159P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_07 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI1-TMS320DM335_15 Datasheet
1Mb / 160P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
SM320DM355-EP TI-SM320DM355-EP Datasheet
1Mb / 156P
[Old version datasheet]   Digital Media System-on-Chip(DMSoC)
TMS320DM369ZCED TI-TMS320DM369ZCED Datasheet
98Kb / 8P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368ZCEDF TI1-TMS320DM368ZCEDF Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM365 TI1-TMS320DM365_17 Datasheet
1Mb / 210P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368 TI1-TMS320DM368_17 Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335 Datasheet
1Mb / 156P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_08 Datasheet
1Mb / 154P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335_09 Datasheet
1Mb / 155P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com