Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LV132 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LV132
Description  Quad 2-input NAND Schmitt trigger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LV132 Datasheet(HTML) 5 Page - NXP Semiconductors

  74LV132_09 Datasheet HTML 1Page - NXP Semiconductors 74LV132_09 Datasheet HTML 2Page - NXP Semiconductors 74LV132_09 Datasheet HTML 3Page - NXP Semiconductors 74LV132_09 Datasheet HTML 4Page - NXP Semiconductors 74LV132_09 Datasheet HTML 5Page - NXP Semiconductors 74LV132_09 Datasheet HTML 6Page - NXP Semiconductors 74LV132_09 Datasheet HTML 7Page - NXP Semiconductors 74LV132_09 Datasheet HTML 8Page - NXP Semiconductors 74LV132_09 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
74LV132_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 July 2009
5 of 17
NXP Semiconductors
74LV132
Quad 2-input NAND Schmitt trigger
9.
Recommended operating conditions
[1]
The static characteristics are guaranteed from VCC = 1.2 V to VCC = 5.5 V, but LV devices are guaranteed to function down to
VCC = 1.0 V (with input levels GND or VCC).
10. Static characteristics
[1]
Typical values are measured at Tamb = 25 °C.
Table 5.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage[1]
1.0
3.3
5.5
V
VI
input voltage
0
-
VCC
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
−40
+25
+125
°C
Table 6.
Static characteristics
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
VOH
HIGH-level output voltage
VI = VT+ or VT−
lO = −100 µA; VCC = 1.2 V
-
1.2
-
-
-
V
lO = −100 µA; VCC = 2.0 V
1.8
2.0
-
1.8
-
V
lO = −100 µA; VCC = 2.7 V
2.5
2.7
-
2.5
-
V
lO = −100 µA; VCC = 3.0 V
2.8
3.0
-
2.8
-
V
lO = −100 µA; VCC = 4.5 V
4.3
4.5
-
4.3
-
V
lO = −6 mA; VCC = 3.0 V
2.4
2.82
-
2.2
-
V
lO = −12 mA; VCC = 4.5 V
3.6
4.2
-
3.5
-
V
VOL
LOW-level output voltage
VI = VT+ or VT−
IO = 100 µA; VCC = 1.2 V
-
0
-
-
-
V
IO = 100 µA; VCC = 2.0 V
-
0
0.2
-
0.2
V
IO = 100 µA; VCC = 2.7 V
-
0
0.2
-
0.2
V
IO = 100 µA; VCC = 3.0 V
-
0
0.2
-
0.2
V
IO = 100 µA; VCC = 4.5 V
-
0
0.2
-
0.2
V
IO = 6 mA; VCC = 3.0 V
-
0.25
0.40
-
0.50
V
IO = 12 mA; VCC = 4.5 V
-
0.35
0.55
-
0.65
V
II
input leakage current
VI =VCC or GND;
VCC = 5.5 V
-
-
1.0
-
1.0
µA
ICC
supply current
VI = VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
20.0
-
40
µA
∆ICC
additional supply current
per input; VI = VCC − 0.6 V;
VCC = 2.7 V to 3.6 V
-
-
500
-
850
µA
CI
input capacitance
-
3.5
-
-
-
pF


Similar Part No. - 74LV132_09

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LV132-Q100 NEXPERIA-74LV132-Q100 Datasheet
717Kb / 16P
   Quad 2-input NAND Schmitt trigger
logo
Diodes Incorporated
74LV132A DIODES-74LV132A Datasheet
297Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES WITH SCHMITT TRIGGER INPUTS
74LV132AS14 DIODES-74LV132AS14 Datasheet
297Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES WITH SCHMITT TRIGGER INPUTS
74LV132AS14-13 DIODES-74LV132AS14-13 Datasheet
297Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES WITH SCHMITT TRIGGER INPUTS
74LV132AT14 DIODES-74LV132AT14 Datasheet
297Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES WITH SCHMITT TRIGGER INPUTS
More results

Similar Description - 74LV132_09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com