Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9306DCUTG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9306DCUTG4
Description  DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9306DCUTG4 Datasheet(HTML) 5 Page - Texas Instruments

  PCA9306DCUTG4 Datasheet HTML 1Page - Texas Instruments PCA9306DCUTG4 Datasheet HTML 2Page - Texas Instruments PCA9306DCUTG4 Datasheet HTML 3Page - Texas Instruments PCA9306DCUTG4 Datasheet HTML 4Page - Texas Instruments PCA9306DCUTG4 Datasheet HTML 5Page - Texas Instruments PCA9306DCUTG4 Datasheet HTML 6Page - Texas Instruments PCA9306DCUTG4 Datasheet HTML 7Page - Texas Instruments PCA9306DCUTG4 Datasheet HTML 8Page - Texas Instruments PCA9306DCUTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AC PERFORMANCE (TRANSLATING DOWN)(3)
Switching Characteristics
Switching Characteristics
AC PERFORMANCE (TRANSLATING UP)(1)
Switching Characteristics
Switching Characteristics
PCA9306
www.ti.com....................................................................................................................................................... SCPS113I – OCTOBER 2004 – REVISED JULY 2008
over recommended operating free-air temperature range, EN = 3.3 V, VIH = 3.3 V, VIL = 0, VM = 1.15 V (unless otherwise
noted) (see Figure 1)
CL = 50 pF
CL = 30 pF
CL = 15 pF
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
0
0.8
0
0.6
0
0.3
SCL2 or SDA2
SCL1 or SDA1
ns
tPHL
0
1.2
0
1
0
0.5
(3)
Translating down–the high voltage side driving toward the lower voltage side
over recommended operating free-air temperature range, EN = 2.5 V, VIH = 3.3 V, VIL = 0, VM = 0.75 V (unless otherwise
noted) (see Figure 1)
CL = 50 pF
CL = 30 pF
CL = 15 pF
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
0
1
0
0.7
0
0.4
SCL2 or SDA2
SCL1 or SDA1
ns
tPHL
0
1.3
0
1
0
0.6
over recommended operating free-air temperature range, EN = 3.3 V, VIH = 2.3 V, VIL = 0, VT = 3.3 V, VM = 1.15 V, RL = 300
Ω (unless otherwise noted) (see Figure 1)
CL = 50 pF
CL = 30 pF
CL = 15 pF
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
0
0.9
0
0.6
0
0.4
SCL1 or SDA1
SCL2 or SDA2
ns
tPHL
0
1.4
0
1.1
0
0.7
(1)
Translating up–the lower voltage side driving toward the higher voltage side
over recommended operating free-air temperature range, EN = 2.5 V, VIH = 1.5 V, VIL = 0, VT = 2.5 V, VM = 0.75 V, RL = 300
Ω, (unless otherwise noted) (see Figure 1)
CL = 50 pF
CL = 30 pF
CL = 15 pF
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
0
1
0
0.6
0
0.4
SCL1 or SDA1
SCL2 or SDA2
ns
tPHL
0
1.3
0
1.3
0
0.8
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): PCA9306


Similar Part No. - PCA9306DCUTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9306DCUTG4 TI1-PCA9306DCUTG4 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
More results

Similar Description - PCA9306DCUTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9306 TI-PCA9306 Datasheet
205Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306DQER TI1-PCA9306DQER Datasheet
1Mb / 22P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212_15 Datasheet
285Kb / 11P
   Dual Bidirectional I2C-Bus and SMBus Voltage-Level Translator
logo
ON Semiconductor
NLA9306 ONSEMI-NLA9306 Datasheet
235Kb / 12P
   Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2019 ??Rev. 1
logo
NXP Semiconductors
PCA9306 NXP-PCA9306_V01 Datasheet
580Kb / 37P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.2 - 25 October 2022
PCA9306_1011 NXP-PCA9306_1011 Datasheet
504Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
PCA9306 PHILIPS-PCA9306 Datasheet
123Kb / 21P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 02-21 February 2007
PCA9306 NXP-PCA9306_V02 Datasheet
619Kb / 38P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.3 - 14 November 2022
logo
Global Mixed-mode Techn...
G3401 GMT-G3401 Datasheet
46Kb / 1P
   Dual Bidirectional I2C Bus and SMBus Voltage- Level Translator
logo
Texas Instruments
PCA9306-Q1 TI1-PCA9306-Q1 Datasheet
217Kb / 12P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com