Part Name
         Description
OPA1642AIDGKT

 High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS ( 22 Page)


TI
100% 
Zoom Out Zoom In
 
 5 page
background image
Time(1s/div)
0.1
Frequency(Hz)
100k
10
1
100
1k
10k
100
10
1
160
140
120
100
80
60
40
20
0
1
10
100
1k
10k
100k
1M
10M
100M
Frequency(Hz)
CMRR
+PSRR
-PSRR
35
30
25
20
15
10
5
0
10k
100k
1M
10M
Frequency(Hz)
V = 2.25V
S
±
V = 5V
S
±
V = 15V
S
±
Maximumoutput
voltagerange
withoutslew-rate
induceddistortion
140
120
100
80
60
40
20
0
20
-
180
135
90
45
0
50 100
1k
10k
100k
1M
10M
100M
Frequency(Hz)
Phase
Gain
30
20
10
0
10
20
-
-
100k
1M
10M
100M
Frequency(Hz)
G=+10
G=+1
G= 1
-
www.ti.com
SBOS484A – DECEMBER 2009 – REVISED APRIL 2010
TYPICAL CHARACTERISTICS: VS = ±18V
At TA = +25°C, RL = 2kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
INPUT VOLTAGE NOISE DENSITY vs FREQUENCY
0.1Hz to 10Hz NOISE
Figure 1.
Figure 2.
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
CMRR AND PSRR vs FREQUENCY (Referred to Input)
Figure 3.
Figure 4.
GAIN AND PHASE vs FREQUENCY
CLOSED-LOOP GAIN vs FREQUENCY
Figure 5.
Figure 6.
Copyright © 2009–2010, Texas Instruments Incorporated
5
Product Folder Link(s): OPA1641 OPA1642 OPA1644



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl