Part Name
         Description
DRV8332DKD

 Three Phase PWM Motor Driver ( 28 Page)


TI
100% 
Zoom Out Zoom In
 17 page
background image
PWM_A
PWM_B
PWM_C
Phase A
CurrentandVoltage
PhaseB
CurrentandVoltage
PhaseC
CurrentandVoltage
BackEMF(Vab)
Ia
Ib
Ic
Va
Vb
Vc
PWM=100%
PWM=75%
S1
S6
S5
S4
S3
S2
S1
S6
S5
S4
S3
S2
BackEMF(Vbc)
BackEMF(Vca)
360
o
360
o
0V
0V
0V
0A
0A
0A
0V
0V
0V
RESET_A
RESET_B
RESET_C
www.ti.com
SLES256 – MAY 2010
Figure 12. Sensorless Control with 6 Steps Trapezoidal Scheme
Copyright © 2010, Texas Instruments Incorporated
17
Product Folder Link(s): DRV8312 DRV8332



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl