Part Name
         Description
ISL8206MIRZ

 Complete High Efficiency DC/DC Power Module ( 20 Page)


INTERSIL
100% 
Zoom Out Zoom In
 
 19 page
background image
Package Outline Drawing
L15.15x15
15 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE (PUNCH QFN)
Rev 1, 06/09
BOTTOM VIEW
SIDE VIEW
TOP VIEW
0.2
S
0.05 S
S
5
10
9
8
7
6
3
4
2
5
AB
S
M
0.05
11
10
11
9
7
8
6
AB
0.2 S
X4
12
4
3
2
14
13
1
15
7x 1.70
1.125
23X 1.30
0.5
5° ALL AROUND
0.4±0.2
15.0±0.2
13
PIN 1
INDEX AREA
1514
1
12
0.4±0.2
15.0±0.2
2.10
33x 0.5
5.80
4X 7.90
21X 1.0
4.60
2.20
3.0
4.80
2X
13.80
9.0
5.0
45°
3.10
5.90
3.80
1.30
2X 7.70
3.5±0.2
0.90
1.90
2.90
0.30
2.10
1.80
4X 1.90
6.90
5.10
11X 0.80
6.0000
located within the zone indicated. The pin #1 indentifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05;
The configuration of the pin #1 identifier is optional, but must be
3.
either a mold or mark feature.
2.
Dimensions are in millimeters.
1.
NOTES:
Body Tolerance ±0.1mm



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl