Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

bq24153YFFT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # bq24153YFFT
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq24153YFFT Datasheet(HTML) 5 Page - Texas Instruments

  bq24153YFFT Datasheet HTML 1Page - Texas Instruments bq24153YFFT Datasheet HTML 2Page - Texas Instruments bq24153YFFT Datasheet HTML 3Page - Texas Instruments bq24153YFFT Datasheet HTML 4Page - Texas Instruments bq24153YFFT Datasheet HTML 5Page - Texas Instruments bq24153YFFT Datasheet HTML 6Page - Texas Instruments bq24153YFFT Datasheet HTML 7Page - Texas Instruments bq24153YFFT Datasheet HTML 8Page - Texas Instruments bq24153YFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
bq24153
bq24156, bq24158
www.ti.com
SLUSA27 – MARCH 2010
ELECTRICAL CHARACTERISTICS
Circuit of Figure 1, VBUS = 5 V, HZ_MODE = 0, OPA_MODE = 0 (CD = 0), TJ = –40°C to 125°C, TJ = 25°C for typical values
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CURRENTS
VBUS > VBUS(min), PWM switching
10
mA
I(VBUS)
VBUS supply current control
VBUS > VBUS(min), PWM NOT switching
5
0°C < TJ < 85°C, CD=1 or HZ_MODE=1
15
23
mA
0°C < TJ < 85°C, V(CSOUT) = 4.2 V, High Impedance
I(vbus_leak)
Leakage current from battery to VBUS pin
5
mA
mode, VBUS=0 V
0°C < TJ < 85°C, V(CSOUT) = 4.2 V, High Impedance
Battery discharge current in High
mode, V(BUS) = 0 V, SCL, SDA, OTG = 0 V
23
mA
Impedance mode, (CSIN, CSOUT, SW pins)
or 1.8 V
VOLTAGE REGULATION
V(OREG)
Output regulation voltage progrmmable
Operating in voltage regulation, programmable
3.5
4.44
V
range
TA = 25°C
–0.5%
0.5%
Voltage regulation accuracy
–1%
1%
CURRENT REGULATION (FAST CHARGE)
bq24153, V(LOWV) ≤ V(CSOUT) < V(OREG),
550
VBUS > V(SLP), R(SNS) = 68 mΩ, LOW_CHG=0,
1250
mA
Programmable
Output charge current programmable range
bq24156, V(LOWV) ≤ V(CSOUT) < V(OREG),
550
IO(CHARGE)
VBUS > V(SLP), R(SNS) = 68 mΩ, LOW_CHG=0,
1550
mA
Programmable
VLOWV ≤ VCSOUT < VOREG, VBUS>VSLP, RSNS=68 mΩ,
325
Low charge current
350
mA
LOW_CHG=1
Regulation accuracy of the voltage across
37.4 mV
≤ V(IREG)< 44.2mV
–3.5%
3.5%
R(SNS) (for charge current regulation)
44.2 mV
≤ V(IREG)
-3%
3%
V(IREG) = IO(CHARGE) × R(SNS)
WEAK BATTERY DETECTION
V(LOWV)
Weak battery voltage threshold
3.4
3.7
V
Adjustable using I2C control
programmable range
Weak battery voltage accuracy
–5%
5%
Hysteresis for V(LOWV)
Battery voltage falling
100
mV
Deglitch time for weak battery threshold
Rising voltage, 2-mV over drive, tRISE = 100 ns
30
ms
CD, OTG and SLRST PIN LOGIC LEVEL
VIL
Input low threshold level
0.4
V
VIH
Input high threshold level
1.3
V
I(bias)
Input bias current
Voltage on control pin is 5 V
1.0
µA
CHARGE TERMINATION DETECTION
Termination charge current programmable
V(CSOUT) > V(OREG) – V(RCH),
mA
I(TERM)
50
400
range
VBUS > V(SLP), R(SNS) = 68 mΩ, Programmable
Deglitch time for charge termination
Both rising and falling, 2-mV overdrive,
30
ms
tRISE, tFALL = 100 ns
3.4 mV
≤ V(IREG_TERM) ≤ 6.8 mV
–15%
15%
Regulation accuracy for termination current
across R(SNS)
6.8 mV < V(IREG_TERM) ≤ 17 mV
–10%
10%
V(IREG_TERM) = IO(TERM) × R(SNS)
17 mV < V(IREG_TERM) ≤ 27.2 mV
–5.5%
5.5%
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): bq24153 bq24156 bq24158


Similar Part No. - bq24153YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24153A TI-BQ24153A Datasheet
2Mb / 43P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger
BQ24153A TI-BQ24153A Datasheet
2Mb / 45P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger
BQ24153A TI1-BQ24153A Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24153A TI1-BQ24153A Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24153A TI1-BQ24153A Datasheet
2Mb / 52P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
More results

Similar Description - bq24153YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24153A TI1-BQ24153A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24150 TI-BQ24150 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24153A TI1-BQ24153A_17 Datasheet
2Mb / 52P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24156A TI1-BQ24156A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24152 TI-BQ24152 Datasheet
2Mb / 38P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24150A TI-BQ24150A Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24140 TI1-BQ24140 Datasheet
1Mb / 39P
[Old version datasheet]   Fully Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24140 TI-BQ24140_15 Datasheet
1Mb / 39P
[Old version datasheet]   Fully Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24140 TI1-BQ24140_14 Datasheet
1Mb / 39P
[Old version datasheet]   Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24155 TI-BQ24155 Datasheet
1Mb / 30P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com