Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC3GU04GD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HC3GU04GD
Description  Inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC3GU04GD Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC3GU04GD Datasheet HTML 1Page - NXP Semiconductors 74HC3GU04GD Datasheet HTML 2Page - NXP Semiconductors 74HC3GU04GD Datasheet HTML 3Page - NXP Semiconductors 74HC3GU04GD Datasheet HTML 4Page - NXP Semiconductors 74HC3GU04GD Datasheet HTML 5Page - NXP Semiconductors 74HC3GU04GD Datasheet HTML 6Page - NXP Semiconductors 74HC3GU04GD Datasheet HTML 7Page - NXP Semiconductors 74HC3GU04GD Datasheet HTML 8Page - NXP Semiconductors 74HC3GU04GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The 74HC3GU04 is a high-speed Si-gate CMOS device. This device provides three
inverter gates with unbuffered outputs.
The 74HC3GU04 has CMOS input switching levels and supply voltage range 2 V to 6 V.
2.
Features
Wide supply voltage range from 2.0 V to 6.0 V
Symmetrical output impedance
High noise immunity
Low-power dissipation
Balanced propagation delays
Multiple package options
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
Specified from
−40 °C to +85 °C and −40 °C to +125 °C
3.
Ordering information
4.
Marking
74HC3GU04
Inverter
Rev. 04. — 11 January 2010
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC3GU04DP
−40 °C to +125 °C
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm; lead length 0.5 mm
SOT505-2
74HC3GU04DC
−40 °C to +125 °C
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
74HC3GU04GD
−40 °C to +125 °C
XSON8U
plastic extremely thin small outline package; no leads;
8 terminals; UTLP based; body 3
× 2 × 0.5 mm
SOT996-2
Table 2.
Marking
Type number
Marking code
74HC3GU04DP
HU4
74HC3GU04DC
HU4
74HC3GU04GD
HU4


Similar Part No. - 74HC3GU04GD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC3GU04 NEXPERIA-74HC3GU04 Datasheet
238Kb / 14P
   Triple unbuffered inverter
Rev. 6 - 29 January 2019
74HC3GU04-Q100 NEXPERIA-74HC3GU04-Q100 Datasheet
239Kb / 14P
   Triple unbuffered inverter
74HC3GU04DC NEXPERIA-74HC3GU04DC Datasheet
238Kb / 14P
   Triple unbuffered inverter
Rev. 6 - 29 January 2019
74HC3GU04DC-Q100 NEXPERIA-74HC3GU04DC-Q100 Datasheet
239Kb / 14P
   Triple unbuffered inverter
74HC3GU04DP NEXPERIA-74HC3GU04DP Datasheet
238Kb / 14P
   Triple unbuffered inverter
Rev. 6 - 29 January 2019
More results

Similar Description - 74HC3GU04GD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com